Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE93C46A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE93C46A
Description  Three-wire Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE93C46A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ACE93C46A/56A/66A
Three-wire Serial EEPROM
VER 1.3
2
Absolute Maximum Ratings
Industrial operating temperature
-40oC to 85oC
Storage temperature
-50oC to 125oC
Input voltage on any pin relative to ground
-0.3V to VCC + 0.3V
Maximum voltage
8V
*Notice: Stresses exceed those listed under
“Absolute Maximum Rating” may cause permanent damage to the device.
Functional operation of the device at conditions beyond those listed in the specification is not guaranteed. Prolonged
exposure to extreme conditions may affect device reliability or functionality.
Packaging Type
DIP-8
TSSOP-8
SOP-8
DFN-8
Pin Configurations
NO
Pin Name
Function
1
CS
Chip select
2
SK
Serial Data Clock
3
DI
Serial Data Input
4
DO
Serial Data Output
5
GND
Ground
6
Vcc
Power Supply
7
ORG
Internal Organization
8
DC
Don
’t Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com