Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES_SERIES Datasheet(PDF) 2 Page - Copal Electronics

Part # ES_SERIES
Description  Miniature Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ES_SERIES Datasheet(HTML) 2 Page - Copal Electronics

  ES_SERIES Datasheet HTML 1Page - Copal Electronics ES_SERIES Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tab term.
ES
Dimension L
Terminal
style
Part No.
TAB
Screw
Solder
ES125A
■−Z
25.2
±1
26.4
±1
22.3
±1
ES125D
■−Z
ES125E
■−Z
25.7
±1
−
22.7
±1
Dimension L
Terminal
Part No.
TAB
Screw
Solder
ES215K
■−Z
29.3
±1
−
26.4
±1
ES215N
■−Z
27.1
±1
ES215P
■−Z
−
Dimension L
Terminal
style
Part No.
TAB
Screw
Solder
ES225K
■−Z −−
26.4
±1
ES225N
■−Z
29.3
±1
30.6
±1
ES225P
■−Z
−−
■SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
ES125A
■−Z
ES125D
■−Z
AC125V 25A
AC250V 25A
20m
Ω Max.
(DC2∼4V 100mA)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
ES125E
■−Z
AC125V 25A
AC250V 12A
■SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
ES215K
■−Z
ES215N
■−Z
AC125V 15A
AC250V 15A
20m
Ω Max.
(DC2∼4V 100mA)
AC1500V
1minute
100M
Ω Min.
(DC500V)
20,000
cycles
ES215P
■−Z
AC125V 15A
AC250V 7A
■SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
ES225K
■−Z
ES225N
■−Z
AC125V 25A
AC250V 25A
20m
Ω Max.
(DC2∼4V 100mA)
AC1500V
minute
100M
Ω Min.
(DC500V)
20,000
cycles
ES225P
■−Z
AC125V 25A
AC250V 12A
ES125
ES215
ES225
1
−pole
2
−poles
2
−poles
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Switching function
Part No.
Viewed from part No. marking side
ES125A
■−Z
OFF
−
ON
Connecting terminals
−−
1
−3
ES125D
■−Z
ON
−
ON
ES125E
■−Z
ON
OFF
ON
Connecting terminals
2
−1
−
2
−3
Switching function
Part No.
Viewed from part No. marking side
ES215K
■−Z
OFF
−
ON
Connecting terminals
−−
1
−3
4
−6
ES215N
■−Z
ON
−
ON
ES215P
■−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
−
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
ES225K
■−Z
OFF
−
ON
Connecting terminals
−−
1
−3
4
−6
ES225N
■−Z
ON
−
ON
ES225P
■−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
−
2
−3
5
−6
■To check the full part number of the products marked
with the
■, please refer to Table of Part Numbers on P.
530.
■To check the full part number of the products marked
with the
■, please refer to Table of Part Numbers on P.
530.
■To check the full part number of the products marked
with the
■, please refer to Table of Part Numbers on P.
530.
Switches with switching function A do not have terminal No. 2.
Switches with switching function K do not have terminal No. 2 and No. 5.
Switches with switching function K do not have terminal
No. 2 and No. 5.
●For the soldering speciÄcations and Åux cleaning speciÄcations,
please refer to P. 525.
■ indicates the terminal style number ( None , 10 , or 12. ).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com