Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET_SERIES Datasheet(PDF) 2 Page - Copal Electronics

Part # ET_SERIES
Description  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET_SERIES Datasheet(HTML) 2 Page - Copal Electronics

  ET_SERIES Datasheet HTML 1Page - Copal Electronics ET_SERIES Datasheet HTML 2Page - Copal Electronics ET_SERIES Datasheet HTML 3Page - Copal Electronics ET_SERIES Datasheet HTML 4Page - Copal Electronics ET_SERIES Datasheet HTML 5Page - Copal Electronics ET_SERIES Datasheet HTML 6Page - Copal Electronics ET_SERIES Datasheet HTML 7Page - Copal Electronics ET_SERIES Datasheet HTML 8Page - Copal Electronics ET_SERIES Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ET Series Selection Table
Part No.
Appearance
No. of
poles
Rating
Switching function
Terminal style
Page
ET103
1
AC125V
3A
ON
ON
−
−
(Cut two-wire)
OFF
ON
Solder
419
ET105
1
AC125V
5A
AC250V
3A
ON
ON
ON
−
−
− OFF −
OFF
ON
ON
Solder
419
ET205
2
421
ET110
1
AC125V 10A
AC250V
7A
ON
ON
ON
ON
(ON)
ON
−
−
− OFF −
−
− OFF −
− OFF −
OFF
ON
ON
(ON)
(ON)
(ON)
TAB # 250
Screw(M3.5×0.6)
Solder
420
ET210
2
422
AC125V 10A
ON − ON − OFF
ET115
1
AC125V 15A
AC250V 10A
ON
ON
OFF
ON
ON
ON
(ON)
ON
−
−
−
−
− OFF −
−
− OFF −
− OFF −
OFF
(OFF)
(ON)
ON
ON
(ON)
(ON)
(ON)
420
ET215
2
422
ET315
3
Solder
424
ET415
4
426
ET415
Plate type
ET120
1
AC125V 20A
AC250V 12A
ON
ON
ON
ON
(ON)
ON
−
−
− OFF −
−
− OFF −
− OFF −
OFF
ON
ON
(ON)
(ON)
(ON)
TAB # 250
Screw(M4.5×0.75)
Solder
420
ET125
1
AC125V 25A
AC250V 15A
ON
ON
ON
−
−
− OFF −
OFF
ON
ON
421
ET225
2
423
Solder Terminal
Solder Terminal
Solder Terminal
Solder Terminal
Solder Terminal
Screw Terminal(M3.5×0.6)
Screw Terminal(M4.5×0.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com