Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-TA2012T Datasheet(PDF) 2 Page - Copal Electronics

Part # E-TA2012T
Description  THERMAL VARIABLE ATTENUATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

E-TA2012T Datasheet(HTML) 2 Page - Copal Electronics

  E-TA2012T Datasheet HTML 1Page - Copal Electronics E-TA2012T Datasheet HTML 2Page - Copal Electronics E-TA2012T Datasheet HTML 3Page - Copal Electronics E-TA2012T Datasheet HTML 4Page - Copal Electronics E-TA2012T Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E-TA
THERMAL VARIABLE ATTENUATORS
9 A
1 N1
YearOne last digit)
Month(A~H,J,Y,L,M)
Temperature Coefficient of attenuation(N1~N8)
E-TA2012 Unless otherwise specified, tolerance : ± 0.2 (Unit : mm)
Unless otherwise specified, tolerance :
± 0.2 (Unit : mm)
E-TA3216
OUTLINE DIMENSIONS
2.0
0.45
0.45
0.7
Side view
③, ④ Ground terminal
①, ② In/ Out terminal
Top view
Date code
Unit marked on
this surface
Marker
マーカ
①②
3.2
0.15
0.2
0.2
1.0
Side view
③, ④ Ground terminal
①, ② In/ Out terminal
Top view
Date code
Unit marked on
this surface
Marker
マーカ
①②
1.0
0.8
Marking
Date code (2 digits)
Model code (3 digits)
Attenuation(1~10dB)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com