Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2608 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2608
Description  400mA Sub-miniature, High Efficiency, Programmable DC-DC Converter with Linear Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2608 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2608 Datasheet HTML 1Page - National Semiconductor (TI) LM2608 Datasheet HTML 2Page - National Semiconductor (TI) LM2608 Datasheet HTML 3Page - National Semiconductor (TI) LM2608 Datasheet HTML 4Page - National Semiconductor (TI) LM2608 Datasheet HTML 5Page - National Semiconductor (TI) LM2608 Datasheet HTML 6Page - National Semiconductor (TI) LM2608 Datasheet HTML 7Page - National Semiconductor (TI) LM2608 Datasheet HTML 8Page - National Semiconductor (TI) LM2608 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagrams
Micro SMD package
20036604
TOP VIEW
20036605
BOTTOM VIEW
Ordering Information
Order Number
Package Type
NSC Package
Marking (*)
Supplied As
10-Pin Micro SMD
LM2608ATL-1.3
10-bump Wafer Level Chip Scale
(Micro SMD)
XYTT IS43A
250 Units, Tape and Reel
LM2608ATL-1.8
XYTT IS44A
250 Units, Tape and Reel
LM2608ATLX-1.3
XYTT IS43A
3000 Units, Tape and Reel
LM2608ATLX-1.8
XYTT IS44A
3000 Units, Tape and Reel
(*) XY - denotes the date code marking (2 digit) in production
(*) TT - refers to die run/lot traceability for production
(*) I - pin one indication
(*) S - product line designator
Note the Package Marking may change over the course of production
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com