Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES115D12-Z Datasheet(PDF) 1 Page - Copal Electronics

Part # ES115D12-Z
Description  Miniature Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ES115D12-Z Datasheet(HTML) 1 Page - Copal Electronics

  ES115D12-Z Datasheet HTML 1Page - Copal Electronics ES115D12-Z Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES
Miniature Slide Switches
■Part Numbering
RoHS Compliant
■Terminal Styles
TAB#250
(Style:−)
Screw
(Style:10)
Solder
(Style:12)
M3.5
M4.5
ES115
・215 type
(15A type)
ES125
・225 type
(25A type)
■Panel Cut-Out Dimensions
●ES115・125 type
●ES215・225 type
Dimension L
Terminal
style
Part No.
TAB
Screw
Solder
ES115A
■−Z
25.2
±1
−
22.3
±1
ES115D
■−Z
ES115E
■−Z
25.7
±1
−
22.8
±1
■SpeciÄcations
Rating
Initial contact resistance
Dielectric strength Insulation resistance
Electrical life
ES115A
■−Z
ES115D
■−Z
AC125V 15A
AC250V 15A
20m
Ω Max.
(DC2∼4V 100mA)
AC1500V
1minute
100M
Ω Min.
(DC500V)
20,000
cycles
ES115E
■−Z
AC125V 15A
AC250V 7A
ES115
1
−pole
Terminal numbers are shown on the bottom of the switch.
Switching function
Part No.
Viewed from part No. marking side
ES115A
■−Z
OFF
−
ON
Connecting terminals
−−
1
−3
ES115D
■−Z
ON
−
ON
ES115E
■−Z
ON
OFF
ON
Connecting terminals
2
−1
−
2
−3
■To check the full part number of the products marked
with the
■, please refer to Table of Part Numbers on P.
530.
Switches with switching function A do not have terminal No. 2.
●Terminal styles
1
2
A
D
E
K
N
P
1 pole
1 pole
2 poles
2 pole
ES
  1  15  A  12  −  Z
●Series code
●Current
●Number of poles
●Switching function
Switching function
10
12
None
#250
Tab terminal
Solder
terminal
Screw
terminal
OFF −
ON
ON
−
ON
ON−OFF−ON


Similar Part No. - ES115D12-Z

ManufacturerPart #DatasheetDescription
logo
SICK AG
ES11-SA1A4 SICK-ES11-SA1A4 Datasheet
1Mb / 7P
SAFETY COMMAND DEVICES
ES11-SA2B8 SICK-ES11-SA2B8 Datasheet
1Mb / 8P
SAFETY COMMAND DEVICES
ES11-SC4D8 SICK-ES11-SC4D8 Datasheet
1Mb / 8P
SAFETY COMMAND DEVICES
logo
Honeywell Solid State E...
ES110 HONEYWELL-ES110 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
ES111 ETC2-ES111 Datasheet
84Kb / 4P
Electro-Wash짰 NX New & Improved! Cleaner Degreaser
More results

Similar Description - ES115D12-Z

ManufacturerPart #DatasheetDescription
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
Miniature Slide Switches
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
Miniature Slide Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
SLIDE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com