Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F310R Datasheet(PDF) 2 Page - Copal Electronics

Part # F310R
Description  BRUSHLESS DC FANS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

F310R Datasheet(HTML) 2 Page - Copal Electronics

  F310R Datasheet HTML 1Page - Copal Electronics F310R Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F310R
BRUSHLESS DC FANS
■ STANDARD SPECIFICATIONS
■ OUTLINE DIMENSIONS
(Unit: mm)
■ AIR FLOW PERFORMANCE CURVES
Item
F310R-05LLC
F310R-05LC
F310R-12LLC
F310R-12LC
DC5 V
DC12 V
4.5 ~ 5.7 V
10.2 ~ 13.8 V
0.06 A
0.09 A
0.04 A
0.05 A
5500 min
-1
7000 min
-1
5500 min
-1
7000 min
-1
0.06 m
3/min
0.09 m
3/min
0.06 m
3/min
0.09 m
3/min
14 Pa
23 Pa
14 Pa
23 Pa
13 dB (A)
17 dB (A)
13 dB (A)
17 dB (A)
–10 ~ +60 °C (35 ~ 85 %RH)
–20 ~ +70 °C (35 ~ 85 %RH)
Approx. 8 g
Rated voltage
Voltage range
Rated current
Rotating speed
Air flow
Static pressure
Noise
Use environment
Storage environment
Net weight
30
25
20
15
10
5
0
0
0.01
0.02
0.03
F310R-05LC
-12LC
F310R-05LLC
-12LLC
0.04
0.05
0.06
Air flow (m
3/min)
0.07
0.08
0.09
0.1
□
30
± 0.5
Lead wire : UL1061/1685 AWG28
Red : VOLTAGE
Black : GND
10
± 0.5
24
± 0.5
4 –
3.2
φ
4 – C2.3
Air flow
24
± 0.5
4 –
3.2
28.6
φ
φ
Dimension of mounting hole for recommendation
※ The specifications above are typical values measured on the
conditions of no-loading running with rated voltage in the
circumstances of 25 °C
± 2 °C, 35~ 85 %RH. Please contact us if you
would liketo check the specifications in different circumstances.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com