Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F455B Datasheet(PDF) 2 Page - Copal Electronics

Part # F455B
Description  BRUSHLESS DC SIDE FLOW FAN MOTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

F455B Datasheet(HTML) 2 Page - Copal Electronics

  F455B Datasheet HTML 1Page - Copal Electronics F455B Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
※Please install a fan motor in your product with its impeller up. Copal
will not guarantee its performance if you install it in a different
direction such as down or side.
Use environment
–10 ~ 60 °C (35 ~ 85 %RH)
Insulation class
JIS C 4004 type (120 °C)
Part number
F455B-05LD
Insulation resistance
Minimum 10 M ohm at DC 500 V between frame and terminals (+)
Dielectric strength
Maximum 1 mA of leakage under 600 V AC for 1 s between frame and terminal (±)
Withstand restraint
After 50 hours restraining at rated voltage,
no burnout and no mechanical damage
Allowable load
0.2 N maximum on metal frame or impeller
Average life
Over 10,000 hours (at room temperature and room humidity)
(Definition)
Till the point of dropping down 30 % from the initial
number of rotations (Under designated environment,
after no load continuous running at rated voltage)
Structure
Cover : SUS304
Housing : Zinc die casting
Impeller : ABS/PBT alloy Bearing : Sleeve bearing
Storage environment
–20 ~ 70 °C (35 ~ 85 %RH)
Rated voltage
5 V
Voltage range
4.7 ~ 5.5 V
Rated current
0.1 A
Rotating speed
4,500 min
-1
Air flow
0.028 m
3/min
Static pressure
44 Pa
Noise
20 dB(A)
Net weight
25 g
AIR FLOW
5
38.5
□
45
2 – 1.5
2 – 1.5
2 – C1.5
2 – 7.25
BLACK : GND
LEAD WIRE : UL1007 LF AWG28
RED : VOLTAGE
2 –
3.3
φ
0.000
0
10
20
30
40
50
60
0.005
0.010
0.015
0.020
F455B-05LD
0.025
0.030
0.035
Air Flow (m3/min)
■ OUTLINE DIMENSIONS
(Unit: mm)
■ AIR FLOW PERFORMANCE CURVES
■ STANDARD SPECIFICATIONS
F455B
BRUSHLESS DC SIDE FLOW FAN MOTORS
■ OTHER SPECIFICATION
※The specifications above are typical values measured on the
conditions of no-loading running with rated voltage in the
circumstances of 25 °C
± 2 °C, 35~ 85 %RH. Please contact us if you
would liketo check the specifications in different circumstances.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com