Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2F-2MZ Datasheet(PDF) 1 Page - Copal Electronics

Part # FP2F-2MZ
Description  Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

FP2F-2MZ Datasheet(HTML) 1 Page - Copal Electronics

  FP2F-2MZ Datasheet HTML 1Page - Copal Electronics FP2F-2MZ Datasheet HTML 2Page - Copal Electronics FP2F-2MZ Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FP
Ultra-Miniature
Pushbutton Switches
RoHS Compliant
■ Features
1.
 Ultra-miniature pushbutton switch for high density mounting.
2.
 Washable.
3.
 Terminal pin pitch: 2.54 mm.
4.
 Independent detent mechanism ensures light operational feel.
5.
 Clip contact mechanism for long-term contact reliability.
6.
 Gold-plated contacts.
■ SpeciÄcation
Rating
Max.
0.4VA
(28VDC max.)
Min.
1
μA 20mVDC
Initial contact resistance
100m
Ωmax. 
(1.5mA 200μVAC)
Dielecteic strength
250V AC 1 minute
Insulation resistance
500M
Ω min.
(250VDC)
Electrical life
10,000 operations at max.rating,
30,000 operations at min.rating,
Mechanical life
30,000 cycles
Operating force
1.47
±0.98N
Operating
temperature range
−40∼+85℃
Storage
temperature range
−40∼+85℃
■Part Numbering
FP
2
F
2
M
Z
Series code
Actuator shape
Actuator shape
Actuator shape
Number of poles
Number of poles
Switching function
Switching function
ON −(ON)
Terminal style
Terminal style
Type
P
M
F
1
2
2
5
4
Code
Code
Code
Fig.
Fig.
1 pole
Pushbutton
P/C
Right angle
Vertical mounting
Standard
2 poles
■ Terminal Pins: Kinked
■ Actuator Color: Yellow
Washable


Similar Part No. - FP2F-2MZ

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP2 EATON-FP2 Datasheet
661Kb / 5P
Low profile, high current power inductors
logo
List of Unclassifed Man...
FP2-D047-R ETC2-FP2-D047-R Datasheet
1Mb / 4P
FLAT-PAC Low Profile Inductors (Surface Mount)
logo
Eaton All Rights Reserv...
FP2-D047-R EATON-FP2-D047-R Datasheet
661Kb / 5P
Low profile, high current power inductors
logo
List of Unclassifed Man...
FP2-D068-R ETC2-FP2-D068-R Datasheet
1Mb / 4P
FLAT-PAC Low Profile Inductors (Surface Mount)
logo
Eaton All Rights Reserv...
FP2-D068-R EATON-FP2-D068-R Datasheet
661Kb / 5P
Low profile, high current power inductors
More results

Similar Description - FP2F-2MZ

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com