Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3873 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3873
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3873 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3873 Datasheet HTML 8Page - National Semiconductor (TI) LP3873 Datasheet HTML 9Page - National Semiconductor (TI) LP3873 Datasheet HTML 10Page - National Semiconductor (TI) LP3873 Datasheet HTML 11Page - National Semiconductor (TI) LP3873 Datasheet HTML 12Page - National Semiconductor (TI) LP3873 Datasheet HTML 13Page - National Semiconductor (TI) LP3873 Datasheet HTML 14Page - National Semiconductor (TI) LP3873 Datasheet HTML 15Page - National Semiconductor (TI) LP3873 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Hints (Continued)
SENSE PIN
In applications where the regulator output is not very close to
the load, LP3876 can provide better remote load regulation
using the SENSE pin. Figure 2 depicts the advantage of the
SENSE option. LP3873 regulates the voltage at the output
pin. Hence, the voltage at the remote load will be the regu-
lator output voltage minus the drop across the trace resis-
tance. For example, in the case of a 3.3V output, if the trace
resistance is 100m
Ω, the voltage at the remote load will be
3V with 3A of load current, I
LOAD. The LP3876 regulates the
voltage at the sense pin. Connecting the sense pin to the
remote load will provide regulation at the remote load, as
shown in Figure 2. If the sense option pin is not required, the
sense pin must be connected to the V
OUT pin.
20060507
FIGURE 1. Error Flag Operation
20060508
FIGURE 2. Improving remote load regulation using LP3876
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com