Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS1487IM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS1487IM
Description  5V Low Power RS-485 / RS-422 Differential Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS1487IM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMS1487IM Datasheet HTML 1Page - National Semiconductor (TI) LMS1487IM Datasheet HTML 2Page - National Semiconductor (TI) LMS1487IM Datasheet HTML 3Page - National Semiconductor (TI) LMS1487IM Datasheet HTML 4Page - National Semiconductor (TI) LMS1487IM Datasheet HTML 5Page - National Semiconductor (TI) LMS1487IM Datasheet HTML 6Page - National Semiconductor (TI) LMS1487IM Datasheet HTML 7Page - National Semiconductor (TI) LMS1487IM Datasheet HTML 8Page - National Semiconductor (TI) LMS1487IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagram
8-Pin SOIC / DIP
20053002
Top View
Truth Table
DRIVER SECTION
RE
DE
DI
A
B
XH
H
H
L
XH
L
L
H
XL
X
Z
Z
RECEIVER SECTION
RE
DE
A-B
RO
LL
≥ +0.2V
H
LL
≤ −0.2V
L
HX
X
Z
L
L
OPEN *
H
Note: * = Non Terminated, Open Input only
X = Irrelevant
Z = TRI-STATE
H = High level
L = Low level
Pin Descriptions
Pin # I/O
Name
Function
1
O
RO
Receiver Output: If A > B by 200 mV, RO will be high; If A < B by 200mV, RO will be low. RO
will be high also if the inputs (A and B) are open (non-terminated
2I
RE
Receiver Output Enable: RO is enabled when RE is low; RO is in TRI-STATE when RE is high
3
I
DE
Driver Output Enable: The driver outputs (A and B) are enabled when DE is high; they are in
TRI-STATE when DE is low. Pins A and B also function as the receiver input pins (see below)
4
I
DI
Driver Input: A low on DI forces A low and B high while a high on DI forces A high and B low
when the driver is enabled
5
N/A
GND
Ground
6
I/O
A
Non-inverting Driver Output and Receiver Input pin. Driver Output levels conform to RS-485
signaling levels
7
I/O
B
Inverting Driver Output and Receiver Input pin. Driver Output levels conform to RS-485 signaling
levels
8
N/A
V
CC
Power Supply: 4.75V
≤ V
CC
≤ 5.25V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com