Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3988IMF-3.0 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3988IMF-3.0
Description  Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3988IMF-3.0 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3988IMF-3.0 Datasheet HTML 3Page - National Semiconductor (TI) LP3988IMF-3.0 Datasheet HTML 4Page - National Semiconductor (TI) LP3988IMF-3.0 Datasheet HTML 5Page - National Semiconductor (TI) LP3988IMF-3.0 Datasheet HTML 6Page - National Semiconductor (TI) LP3988IMF-3.0 Datasheet HTML 7Page - National Semiconductor (TI) LP3988IMF-3.0 Datasheet HTML 8Page - National Semiconductor (TI) LP3988IMF-3.0 Datasheet HTML 9Page - National Semiconductor (TI) LP3988IMF-3.0 Datasheet HTML 10Page - National Semiconductor (TI) LP3988IMF-3.0 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Hints
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LP3988 requires external
capacitors for regulator stability. The LP3988 is specifically
designed for portable applications requiring minimum board
space and smallest components. These capacitors must be
correctly selected for good performance.
INPUT CAPACITOR
An input capacitance of ) 1µF is required between the
LP3988 input pin and ground (the amount of the capacitance
may be increased without limit).
This capacitor must be located a distance of not more than
1cm from the input pin and returned to a clean analog
ground. Any good quality ceramic, tantalum, or film capacitor
may be used at the input.
Important: Tantalum capacitors can suffer catastrophic fail-
ures due to surge current when connected to a low-
impedance source of power (like a battery or a very large
capacitor). If a tantalum capacitor is used at the input, it must
be guaranteed by the manufacturer to have a surge current
rating sufficient for the application.
There are no requirements for the ESR on the input capaci-
tor, but tolerance and temperature coefficient must be con-
sidered when selecting the capacitor to ensure the capaci-
tance will be ) 1µF over the entire operating temperature
range.
OUTPUT CAPACITOR
The LP3988 is designed specifically to work with very small
ceramic output capacitors. A ceramic capacitor (dielectric
types Z5U, Y5V or X7R) in 1 to 22 µF range with 5m
Ω to
500m
Ω ESR range is suitable in the LP3988 application
circuit.
It may also be possible to use tantalum or film capacitors at
the output, but these are not as attractive for reasons of size
and cost (see next section Capacitor Characteristics).
The output capacitor must meet the requirement for mini-
mum amount of capacitance and also have an ESR (Equiva-
lent Series Resistance) value which is within a stable range
(5 m
Ω to 500 mΩ).
NO-LOAD STABILITY
The LP3988 will remain stable and in regulation with no
external load. This is specially important in CMOS RAM
keep-alive applications.
CAPACITOR CHARACTERISTICS
The LP3988 is designed to work with ceramic capacitors on
the output to take advantage of the benefits they offer: for
capacitance values in the range of 1µF to 4.7µF range,
ceramic capacitors are the smallest, least expensive and
have the lowest ESR values (which makes them best for
eliminating high frequency noise). The ESR of a typical 1µF
ceramic capacitor is in the range of 20 m
Ω to 40 mΩ, which
easily meets the ESR requirement for stability by the
LP3988.
The ceramic capacitor’s capacitance can vary with tempera-
ture. Most large value ceramic capacitors () 2.2µF) are
manufactured with Z5U or Y5V temperature characteristics,
which results in the capacitance dropping by more than 50%
as the temperature goes from 25˚C to 85˚C.
A better choice for temperature coefficient in a ceramic
capacitor is X7R, which holds the capacitance within ±15%.
Tantalum capacitors are less desirable than ceramic for use
as output capacitors because they are more expensive when
comparing equivalent capacitance and voltage ratings in the
1µF to 4.7µF range.
Another important consideration is that tantalum capacitors
have higher ESR values than equivalent size ceramics. This
means that while it may be possible to find a tantalum
capacitor with an ESR value within the stable range, it would
have to be larger in capacitance (which means bigger and
more costly ) than a ceramic capacitor with the same ESR
value. It should also be noted that the ESR of a typical
tantalum will increase about 2:1 as the temperature goes
from 25˚C down to −40˚C, so some guard band must be
allowed.
ON/OFF INPUT OPERATION
The LP3988 is turned off by pulling the V
EN pin low, and
turned on by pulling it high. If this feature is not used, the V
EN
pin should be tied to V
IN to keep the regulator output on at all
time. To assure proper operation, the signal source used to
drive the V
EN input must be able to swing above and below
the specified turn-on/off voltage thresholds listed in the Elec-
trical Characteristics section under V
IL and VIH.
FAST ON-TIME
The LP3988 utilizes a speed up circuitry to ramp up the
internal V
REF voltage to its final value to achieve a fast
output turn on time.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com