Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE80 Datasheet(PDF) 35 Page - STMicroelectronics

Part # M45PE80
Description  8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE80 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M45PE80 Datasheet HTML 28Page - STMicroelectronics M45PE80 Datasheet HTML 29Page - STMicroelectronics M45PE80 Datasheet HTML 30Page - STMicroelectronics M45PE80 Datasheet HTML 31Page - STMicroelectronics M45PE80 Datasheet HTML 32Page - STMicroelectronics M45PE80 Datasheet HTML 33Page - STMicroelectronics M45PE80 Datasheet HTML 34Page - STMicroelectronics M45PE80 Datasheet HTML 35Page - STMicroelectronics M45PE80 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
35/36
M45PE80
REVISION HISTORY
Table 16. Document Revision History
Date
Version
Description of Revision
10-Feb-2003
1.0
Document written
02-Apr-2003
1.1
VFQFPN8 (MLP) package added
08-Apr-2003
1.2
Document promoted to Product Preview
05-May-2003
1.3
Document promoted to Preliminary Data
04-Jun-2003
1.4
Description corrected of entering Hardware Protected mode (W must be driven, and
cannot be left unconnected). Document Revision History for 05-May-2003 corrected.
26-Nov-2003
2.0
VIO(min) extended to –0.6V, and tPP(typ) improved to 1.2ms. Table of contents, SO16
package, warning about exposed paddle on MLP8, and Pb-free options added.
Change of naming for VDFPN8 package. Document promoted to full datasheet
23-Jan-2004
3.0
SO16 pin-out corrected
28-May-2004
4.0
Soldering temperature information clarified for RoHS compliant devices. Device Grade
clarified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com