Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5SMF-RJF/RJE Datasheet(PDF) 7 Page - Cree, Inc

Part # C5SMF-RJF/RJE
Description  Cree Screen Master 5-mm Oval LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C5SMF-RJF/RJE Datasheet(HTML) 7 Page - Cree, Inc

Back Button C5SMF-RJF/RJE Datasheet HTML 3Page - Cree, Inc C5SMF-RJF/RJE Datasheet HTML 4Page - Cree, Inc C5SMF-RJF/RJE Datasheet HTML 5Page - Cree, Inc C5SMF-RJF/RJE Datasheet HTML 6Page - Cree, Inc C5SMF-RJF/RJE Datasheet HTML 7Page - Cree, Inc C5SMF-RJF/RJE Datasheet HTML 8Page - Cree, Inc C5SMF-RJF/RJE Datasheet HTML 9Page - Cree, Inc C5SMF-RJF/RJE Datasheet HTML 10Page - Cree, Inc C5SMF-RJF/RJE Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
Cree 5-mm Oval LED
C5SMF-RJF/GJF/BJF
C5SMF-RJE/GJE/BJE
C5SME-RJF/RJE
ORDER CODE TABLE*
C5SME
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min.(nm)
Color Bin
Max.(nm)
Red
C5SME-RJF-CS0U0BB1
770
2130
RB
619
RB
624
Bulk
Yes
Red
C5SME-RJF-CS34QBB1
Any 4 consecutive sub-bins:
S3 (934) - T4 (1520)
RB
619
RB
624
Bulk
Yes
Red
C5SME-RJF-CT14QBB1
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
RB
619
RB
624
Bulk
Yes
Red
C5SME-RJE-CS0U0BB1
770
2130
RB
619
RB
624
Bulk
No
Red
C5SME-RJE-CS34QBB1
Any 4 consecutive sub-bins:
S3 (934) - T4 (1520)
RB
619
RB
624
Bulk
No
Red
C5SME-RJE-CT14QBB1
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
RB
619
RB
624
Bulk
No
Red
C5SME-RJF-CS0U0BB2
770
2130
RB
619
RB
624
Ammo
Yes
Red
C5SME-RJF-CS34QBB2
Any 4 consecutive sub-bins:
S3 (934) - T4 (1520)
RB
619
RB
624
Ammo
Yes
Red
C5SME-RJF-CT14QBB2
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
RB
619
RB
624
Ammo
Yes
Red
C5SME-RJE-CS0U0BB2
770
2130
RB
619
RB
624
Ammo
No
Red
C5SME-RJE-CS34QBB2
Any 4 consecutive sub-bins:
S3 (934) - T4 (1520)
RB
619
RB
624
Ammo
No
Red
C5SME-RJE-CT14QBB2
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
RB
619
RB
624
Ammo
No
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single
color-bin codes will be orderable in certain quantities. For example, any four consecutive sub-bins from V1 to W2
mean only one intensity bin with four sub-bins of the following brightness ranges (V1-V4, V2-W1, V3-W2) will be
shipped by Cree. For example, any one-color bin from G7 to G9 means only one color bin (G7 or G8 or G9) will be
shipped by Cree.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com