Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503C-RCS Datasheet(PDF) 3 Page - Cree, Inc

Part # C503C-RCS
Description  Cree 5-mm Red and Amber Round LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503C-RCS Datasheet(HTML) 3 Page - Cree, Inc

  C503C-RCS Datasheet HTML 1Page - Cree, Inc C503C-RCS Datasheet HTML 2Page - Cree, Inc C503C-RCS Datasheet HTML 3Page - Cree, Inc C503C-RCS Datasheet HTML 4Page - Cree, Inc C503C-RCS Datasheet HTML 5Page - Cree, Inc C503C-RCS Datasheet HTML 6Page - Cree, Inc C503C-RCS Datasheet HTML 7Page - Cree, Inc C503C-RCS Datasheet HTML 8Page - Cree, Inc C503C-RCS Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree 5-mm Round LED
C503C-RCS/RCN/ACS/ACN
• Tolerance of measurement of luminous intensity is ±15%
• Tolerance of measurement of dominant wavelength is ±1 nm
Red
Red
Bin Code
Min. (nm)
Max. (nm)
RA
618
630
Amber
Bin Code
Min. (nm)
Max. (nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
Amber
C503C-RCS/RCN
Bin Code
Min. (mcd)
Max. (mcd)
Bin Code
Min. (mcd)
Max. (mcd)
Bin Code
Min. (mcd)
Max. (mcd)
Y
Y0
5860
8200
Ya
5860
7030
YA
5860
6500
YB
6500
7200
Yb
7030
8200
YC
7200
8200
Z
Z0
8200
12000
Za
8200
10100
C503C-ACS/ACN
Bin Code
Min. (mcd)
Max. (mcd)
Bin Code
Min. (mcd)
Max. (mcd)
Bin Code
Min. (mcd)
Max. (mcd)
Y
Y0
5860
8200
Ya
5860
7030
YA
5860
6500
YB
6500
7200
Yb
7030
8200
YC
7200
8200
Z
Z0
8200
12000
Za
8200
10100
INTENSITY BIN LIMIT (I
F = 20 mA)
COLOR BIN LIMIT (I
F = 20 mA)
Bin Code
Min. (mcd)
Max. (mcd)
YA
5860
6500
YB
6500
7200
YC
7200
8200
Bin Code
Min. (mcd)
Max. (mcd)
YA
5860
6500
YB
6500
7200
YC
7200
8200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com