Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237AAF/NA Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237AAF/NA
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237AAF/NA Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button LM1237AAF/NA Datasheet HTML 34Page - National Semiconductor (TI) LM1237AAF/NA Datasheet HTML 35Page - National Semiconductor (TI) LM1237AAF/NA Datasheet HTML 36Page - National Semiconductor (TI) LM1237AAF/NA Datasheet HTML 37Page - National Semiconductor (TI) LM1237AAF/NA Datasheet HTML 38Page - National Semiconductor (TI) LM1237AAF/NA Datasheet HTML 39Page - National Semiconductor (TI) LM1237AAF/NA Datasheet HTML 40Page - National Semiconductor (TI) LM1237AAF/NA Datasheet HTML 41Page - National Semiconductor (TI) LM1237AAF/NA Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Attribute Table and Enhanced Features (Continued)
TABLE 14. Attribute Tables and Corresponding Addresses (Continued)
Attribute Value (n)
Two-Color Attribute Table Address
Four-Color Attribute Table Address
1010b
0x8468–0x846B
0x8550–0x8557
1011b
0x846C–0x846F
0x8558–0x855F
1100b
0x8470–0x8473
0x8560–0x8567
1101b
0x8474–0x8477
0x8568–0x856F
1110b
0x8478–0x847B
0x8570–0x8577
1111b
0x847C–0x847F
0x8578–0x857F
BUTTON BOX FORMATION
The value of the most significant Enhanced Feature Bit
(EFB3) determines when to draw the left, right, bottom and
top sides of a Box. EFB1 denotes whether a box is raised or
depressed, and EFB2 denotes whether the box is normal or
‘heavy’. For normal boxes, the lowlight color is determined
by the color code stored in the register EF2. For the heavy
box feature, the lowlight is determined by the color code
stored in register EF3.
Boxes are created by a ‘pixel override’ system that over-
writes character cell pixel information with either the highlight
color (EF1) or low light shadow (EF2 or EF3) of the box. Only
the top pixel line of the character and the right edge of the
character can be overwritten by the pixel override system.
To form a complete box, the left hand edge of a box is
created by overwriting the pixels in the right most column of
the preceding character to one being enclosed by the box.
The bottom edge of a box is created by either —
•
overwriting the pixels in the top line of the character
below the character being enclosed by the box, or
•
overwriting the pixels in the top line of the skipped lines
below, in the case where skip lines are present below a
boxed character.
Characters should be designed so that button boxes will not
interfere with the character.
Some minor limitations result from the above box formation
methodology:
•
No box may use the left most display character in the
Display Window, or it will have no left side of the Box. To
create a box around the left most displayed character, a
transparent ‘blank’ character must be used in the first
character position. This character will not be visible on
the screen, but allows the formation of the box.
•
At least one skip line must be used beneath characters
on the bottom row, if a box is required around any char-
acters on this row in order to accommodate the bottom
edge of the box.
•
Skipped lines cannot be used within a box covering sev-
eral rows.
•
Irregular shaped boxes, (i.e., other than rectangular),
may have some missing edges.
Operation of the Shadow Feature
The shadow feature is created as follows: As each 12-bit line
in the character is called from ROM, the line immediately
preceding it is also called and used to create a ‘pixel over-
ride’ mask. Bits 11 through 1 of the preceding line are
compared to bits 10 through 0 of the current character line.
Each bit X in the current line is compared to bit X+1 in the
preceding line (i.e., the pixel above and to the left of the
current pixel). Note that bit 11 of the current line cannot be
shadowed. A pixel override output mask is then created.
When a pixel override output is 1 for a given pixel position,
the color of that pixel must be substituted with the color code
stored in the register EF3. Please see Figure 24 for an
example.
20023444
FIGURE 24. Operation of the Shadow Feature
www.national.com
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com