Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1238 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1238
Description  110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1238 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM1238 Datasheet HTML 16Page - National Semiconductor (TI) LM1238 Datasheet HTML 17Page - National Semiconductor (TI) LM1238 Datasheet HTML 18Page - National Semiconductor (TI) LM1238 Datasheet HTML 19Page - National Semiconductor (TI) LM1238 Datasheet HTML 20Page - National Semiconductor (TI) LM1238 Datasheet HTML 21Page - National Semiconductor (TI) LM1238 Datasheet HTML 22Page - National Semiconductor (TI) LM1238 Datasheet HTML 23Page - National Semiconductor (TI) LM1238 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Control Register Definitions (Continued)
Icon Alternate Period Control Register (I
2C address 0x0804h)
Register Name (address): ALT (0x0804h)
7
654321
0
RSV
RSV
ASO1
ASO0
ALT3
ALT2
ALT1
ALT0
Bits 3–0 Icon Alternate Period. These four bits set the period at which the icon will switch between images, in increments of eight
vertical fields.
Bits 5–4 Alternate Sequence Override. These two bits enable the automatic alternating sequence of icons, or allow the icon to
be set to one of the three alternative screens.
TABLE 8. Alternating Icon Sequence Override
Sequence Override
Register Value
Effect
00
Automatic Alternating Sequence
01
Set for Icon Screen 0
10
Set for Icon Screen 1
11
Set for Icon Screen 2
Bits 7–6 Reserved.
Vertical Blank Duration Control Register (I
2C address 0x0805h)
Register Name (address): VERTBLNK (0x0805h)
7
654321
0
RSV
VB6
VB5
VB4
VB3
VB2
VB1
VB0
Bits 6–0 Vertical Blank Duration. These seven bits set the duration of the VBLANK signal in numbers of horizontal scans.
Bit 7
Reserved.
PRE-AMPLIFIER INTERFACE REGISTERS
Blue Channel Gain Control Register (I
2C address 0x0810h)
Register Name (address): BGAINCTRL (0x0810h)
7
654321
0
RSV
BG
BG
BG
BG
BG
BG
BG
Bits 6–0 Blue Channel Gain Control. These seven bits determine the gain for the Blue Channel.
Bit 7
Reserved.
Green Channel Gain Control Register (I
2C address 0x0811h)
Register Name (address): GGAINCTRL1 (0x0811h)
7
654321
0
RSV
GG
GG
GG
GG
GG
GG
GG
Bits 6–0 Green Channel Gain Control. These seven bits determine the gain for the Green Channel.
Bit 7
Reserved.
Red Channel Gain Control Register (I
2C address 0x0812h)
Register Name (address): RGAINCTRL1 (0x0812h)
7
654321
0
RSV
RG
RG
RG
RG
RG
RG
RG
Bits 6–0 Red Channel Gain Control. These seven bits determine the gain for the Red Channel.
Bit 7
Reserved.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com