Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP0515D Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MSP0515D
Description  -55V(D-S) P-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSP0515D Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSP0515D Datasheet HTML 1Page - MORE Semiconductor Company Limited MSP0515D Datasheet HTML 2Page - MORE Semiconductor Company Limited MSP0515D Datasheet HTML 3Page - MORE Semiconductor Company Limited MSP0515D Datasheet HTML 4Page - MORE Semiconductor Company Limited MSP0515D Datasheet HTML 5Page - MORE Semiconductor Company Limited MSP0515D Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MSP0515D
General Features
● VDS =-55V,ID =-15A
RDS(ON) <80mΩ @ VGS=-10V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Excellent package for good heat dissipation
Application
● Power switching application
● Hard switched and high frequency circuits
● DC-DC Converter
Schematic diagram
Marking and pin assignment
TO-252-2L top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
MSP0515D
TO-252-2L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-55
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-15
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
-10
A
Pulsed Drain Current
IDM
-50
A
Maximum Power Dissipation
PD
50
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
MSP0515D
-55V(D-S) P-Channel Enhancement Mode Power MOS FET
Lead Free
PIN Configuration
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6


Similar Part No. - MSP0515D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
MSP05120V1 MAPLESMI-MSP05120V1 Datasheet
336Kb / 4P
1200V Silicon Carbide Diode
More results

Similar Description - MSP0515D

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN05B2K MORESEMI-MSN05B2K Datasheet
490Kb / 6P
55V(D-S) N-Channel Enhancement Mode Power MOS FET
MSP0315D MORESEMI-MSP0315D Datasheet
622Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0315W MORESEMI-MSP0315W Datasheet
480Kb / 6P
- 30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0505W MORESEMI-MSP0505W Datasheet
462Kb / 6P
-55V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP1013D MORESEMI-MSP1013D Datasheet
488Kb / 6P
-100V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP2301 MORESEMI-MSP2301 Datasheet
400Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP2301B MORESEMI-MSP2301B Datasheet
402Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP2303 MORESEMI-MSP2303 Datasheet
372Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP3401 MORESEMI-MSP3401 Datasheet
403Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSN05B2K-TO220 MORESEMI-MSN05B2K-TO220 Datasheet
490Kb / 6P
55V(D-S) N-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com