Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC165TTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC165TTR
Description  8 BIT PISO SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC165TTR Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC165TTR Datasheet HTML 1Page - STMicroelectronics M74HC165TTR Datasheet HTML 2Page - STMicroelectronics M74HC165TTR Datasheet HTML 3Page - STMicroelectronics M74HC165TTR Datasheet HTML 4Page - STMicroelectronics M74HC165TTR Datasheet HTML 5Page - STMicroelectronics M74HC165TTR Datasheet HTML 6Page - STMicroelectronics M74HC165TTR Datasheet HTML 7Page - STMicroelectronics M74HC165TTR Datasheet HTML 8Page - STMicroelectronics M74HC165TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M74HC165
2/12
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
a........h : The level of steady input voltage at inputs a through respectively
QAn - QGn : The level of QA - QG, respectively. before the most-recent transition of the clock
LOGIC DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
1
SHIFT/LOAD Data Inputs
2
QH
Complementary Output
7
QH
Serial Output
9
CLOCK
Clock Input (LOW to
HIGH, Edge Triggered
10
SI
Serial Data Inputs
11, 12, 13,
14, 3, 4, 5, 6
A to H
Parallel Data Inputs
15
CLOCK INH Clock Inhibit
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
INPUTS
INTERNAL OUTPUTS
OUTPUTS
SHIFT /
LOAD
CLOCK INH
CLOCK
SI
A..........H
QA
QB
QH
L
X
X
X
a..........h
a
b
h
H
L
H
X
H
QAn
QGn
H
L
L
X
L
QAn
QGn
H
L
H
X
H
QAn
QGn
H
L
L
X
L
QAn
QGn
HXHX
X
NO CHANGE
H
H
X
X
X
NO CHANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com