Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566D-RFF Datasheet(PDF) 8 Page - Cree, Inc

Part # C566D-RFF
Description  Cree Screen Master 5-mm Oval LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566D-RFF Datasheet(HTML) 8 Page - Cree, Inc

Back Button C566D-RFF Datasheet HTML 4Page - Cree, Inc C566D-RFF Datasheet HTML 5Page - Cree, Inc C566D-RFF Datasheet HTML 6Page - Cree, Inc C566D-RFF Datasheet HTML 7Page - Cree, Inc C566D-RFF Datasheet HTML 8Page - Cree, Inc C566D-RFF Datasheet HTML 9Page - Cree, Inc C566D-RFF Datasheet HTML 10Page - Cree, Inc C566D-RFF Datasheet HTML 11Page - Cree, Inc C566D-RFF Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2014Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
Cree 5-mm Oval LED
C566D-RFF/GFF/BFF/AFF
C566D-RFE/GFE/BFE/AFE
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Amber
C566D-AFF-CV0X0251
2130
5860
A2
584
A5
596
Bulk
Yes
Amber
C566D-AFF-CV14Q341
Any 4 consecutive sub-bins:
V1(2130) - W2 (3590)
A3
587
A4
593
Bulk
Yes
Amber
C566D-AFF-CV34Q341
Any 4 consecutive sub-bins:
V3(2564) - W4 (4180)
A3
587
A4
593
Bulk
Yes
Amber
C566D-AFE-CV0X0251
2130
5860
A2
584
A5
596
Bulk
No
Amber
C566D-AFE-CV14Q341
Any 4 consecutive sub-bins:
V1(2130) - W2 (3590)
A3
587
A4
593
Bulk
No
Amber
C566D-AFE-CV34Q341
Any 4 consecutive sub-bins:
V3(2564) - W4 (4180)
A3
587
A4
593
Bulk
No
Amber
C566D-AFF-CV0X0252
2130
5860
A2
584
A5
596
Ammo
Yes
Amber
C566D-AFF-CV14Q342
Any 4 consecutive sub-bins:
V1(2130) - W2 (3590)
A3
587
A4
593
Ammo
Yes
Amber
C566D-AFF-CV34Q342
Any 4 consecutive sub-bins:
V3(2564) - W4(4180)
A3
587
A4
593
Ammo
Yes
Amber
C566D-AFE-CV0X0252
2130
5860
A2
584
A5
596
Ammo
No
Amber
C566D-AFE-CV14Q342
Any 4 consecutive sub-bins:
V1(2130) - W2 (3590)
A3
587
A4
593
Ammo
No
Amber
C566D-AFE-CV34Q342
Any 4 consecutive sub-bins:
V3(2564) - W4(4180)
A3
587
A4
593
Ammo
No
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin, single color-bin codes
will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com