Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566D-RFF/RFE Datasheet(PDF) 6 Page - Cree, Inc

Part # C566D-RFF/RFE
Description  Cree Screen Master 5-mm Oval LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566D-RFF/RFE Datasheet(HTML) 6 Page - Cree, Inc

Back Button C566D-RFF/RFE Datasheet HTML 2Page - Cree, Inc C566D-RFF/RFE Datasheet HTML 3Page - Cree, Inc C566D-RFF/RFE Datasheet HTML 4Page - Cree, Inc C566D-RFF/RFE Datasheet HTML 5Page - Cree, Inc C566D-RFF/RFE Datasheet HTML 6Page - Cree, Inc C566D-RFF/RFE Datasheet HTML 7Page - Cree, Inc C566D-RFF/RFE Datasheet HTML 8Page - Cree, Inc C566D-RFF/RFE Datasheet HTML 9Page - Cree, Inc C566D-RFF/RFE Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
6
Copyright © 2014Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
6
Cree 5-mm Oval LED
C566D-RFF/GFF/BFF/AFF
C566D-RFE/GFE/BFE/AFE
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Green
C566D-GFF-CX0Z0791
4180
12000
G7
520
G9
535
Bulk
Yes
Green
C566D-GFF-CX34Q7S1
Any 4 consecutive sub-bins:
X3 (5020) - Y4 (8200)
Any 1 color bin from G7 (520nm) to G8 (530nm)
Bulk
Yes
Green
C566D-GFF-CX34Q8S1
Any 4 consecutive sub-bins:
X3 (5020) - Y4 (8200)
Any 1 color bin from G8 (525nm) to G9 (535nm)
Bulk
Yes
Green
C566D-GFF-CY14Q7S1
Any 4 consecutive sub-bins:
Y1 (5860) - Z2 (10100)
Any 1 color bin from G7 (520nm) to G8 (530nm)
Bulk
Yes
Green
C566D-GFF-CY14Q8S1
Any 4 consecutive sub-bins:
Y1 (5860) - Z2 (10100)
Any 1 color bin from G8 (525nm) to G9 (535nm)
Bulk
Yes
Green
C566D-GFE-CX0Z0791
4180
12000
G7
520
G9
535
Bulk
No
Green
C566D-GFE-CX34Q7S1
Any 4 consecutive sub-bins:
X3 (5020) - Y4 (8200)
Any 1 color bin from G7 (520nm) to G8 (530nm)
Bulk
No
Green
C566D-GFE-CX34Q8S1
Any 4 consecutive sub-bins:
X3 (5020) - Y4 (8200)
Any 1 color bin from G8 (525nm) to G9 (535nm)
Bulk
No
Green
C566D-GFE-CY14Q7S1
Any 4 consecutive sub-bins:
Y1 (5860) - Z2 (10100)
Any 1 color bin from G7 (520nm) to G8 (530nm)
Bulk
No
Green
C566D-GFE-CY14Q8S1
Any 4 consecutive sub-bins:
Y1 (5860) - Z2 (10100)
Any 1 color bin from G8 (525nm) to G9 (535nm)
Bulk
No
Green
C566D-GFF-CX0Z0792
4180
12000
G7
520
G9
535
Ammo
Yes
Green
C566D-GFF-CX34Q7S2
Any 4 consecutive sub-bins:
X3 (5020) - Y4 (8200)
Any 1 color bin from G7 (520nm) to G8 (530nm)
Ammo
Yes
Green
C566D-GFF-CX34Q8S2
Any 4 consecutive sub-bins:
X3 (5020) - Y4 (8200)
Any 1 color bin from G8 (525nm) to G9 (535nm)
Ammo
Yes
Green
C566D-GFF-CY14Q7S2
Any 4 consecutive sub-bins:
Y1 (5860) - Z2 (10100)
Any 1 color bin from G7 (520nm) to G8 (530nm)
Ammo
Yes
Green
C566D-GFF-CY14Q8S2
Any 4 consecutive sub-bins:
Y1 (5860) - Z2 (10100)
Any 1 color bin from G8 (525nm) to G9 (535nm)
Ammo
Yes
Green
C566D-GFE-CX0Z0792
4180
12000
G7
520
G9
535
Ammo
No
Green
C566D-GFE-CX34Q7S2
Any 4 consecutive sub-bins:
X3 (5020) - Y4 (8200)
Any 1 color bin from G7 (520nm) to G8 (530nm)
Ammo
No
Green
C566D-GFE-CX34Q8S2
Any 4 consecutive sub-bins:
X3 (5020) - Y4 (8200)
Any 1 color bin from G8 (525nm) to G9 (535nm)
Ammo
No
Green
C566D-GFE-CY14Q7S2
Any 4 consecutive sub-bins:
Y1 (5860) - Z2 (10100)
Any 1 color bin from G7 (520nm) to G8 (530nm)
Ammo
No
Green
C566D-GFE-CY14Q8S2
Any 4 consecutive sub-bins:
Y1 (5860) - Z2 (10100)
Any 1 color bin from G8 (525nm) to G9 (535nm)
Ammo
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com