Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5SME-RJE-CS34QBB1 Datasheet(PDF) 6 Page - Cree, Inc

Part # C5SME-RJE-CS34QBB1
Description  Cree Screen Master 5-mm Oval LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C5SME-RJE-CS34QBB1 Datasheet(HTML) 6 Page - Cree, Inc

Back Button C5SME-RJE-CS34QBB1 Datasheet HTML 2Page - Cree, Inc C5SME-RJE-CS34QBB1 Datasheet HTML 3Page - Cree, Inc C5SME-RJE-CS34QBB1 Datasheet HTML 4Page - Cree, Inc C5SME-RJE-CS34QBB1 Datasheet HTML 5Page - Cree, Inc C5SME-RJE-CS34QBB1 Datasheet HTML 6Page - Cree, Inc C5SME-RJE-CS34QBB1 Datasheet HTML 7Page - Cree, Inc C5SME-RJE-CS34QBB1 Datasheet HTML 8Page - Cree, Inc C5SME-RJE-CS34QBB1 Datasheet HTML 9Page - Cree, Inc C5SME-RJE-CS34QBB1 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
6
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
6
Cree 5-mm Oval LED
C5SMF-RJF/GJF/BJF
C5SMF-RJE/GJE/BJE
C5SME-RJF/RJE
ORDER CODE TABLE*
C5SMF
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min.(nm)
Color Bin Max. (nm)
Blue
C5SMF-BJF-CR0U0351
550
2130
B3
460
B5
475
Bulk
Yes
Blue
C5SMF-BJF-CR0U0451
550
2130
B4
465
B5
475
Bulk
Yes
Blue
C5SMF-BJF-CT14Q3T1
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Bulk
Yes
Blue
C5SMF-BJF-CT14Q4T1
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Bulk
Yes
Blue
C5SMF-BJF-CT34Q3T1
Any 4 consecutive sub-bins:
T3 (1310) - U4 (2130)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Bulk
Yes
Blue
C5SMF-BJF-CT34Q4T1
Any 4 consecutive sub-bins:
T3 (1310) - U4 (2130)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Bulk
Yes
Blue
C5SMF-BJE-CR0U0351
550
2130
B3
460
B5
475
Bulk
No
Blue
C5SMF-BJE-CR0U0451
550
2130
B4
465
B5
475
Bulk
No
Blue
C5SMF-BJE-CT14Q3T1
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Bulk
No
Blue
C5SMF-BJE-CT14Q4T1
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Bulk
No
Blue
C5SMF-BJE-CT34Q3T1
Any 4 consecutive sub-bins:
T3 (1310) - U4 (2130)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Bulk
No
Blue
C5SMF-BJE-CT34Q4T1
Any 4 consecutive sub-bins:
T3 (1310) - U4 (2130)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Bulk
No
Blue
C5SMF-BJF-CR0U0352
550
2130
B3
460
B5
475
Ammo
Yes
Blue
C5SMF-BJF-CR0U0452
550
2130
B4
465
B5
475
Ammo
Yes
Blue
C5SMF-BJF-CT14Q3T2
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Ammo
Yes
Blue
C5SMF-BJF-CT14Q4T2
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Ammo
Yes
Blue
C5SMF-BJF-CT34Q3T2
Any 4 consecutive sub-bins:
T3 (1310) - U4 (2130)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Ammo
Yes
Blue
C5SMF-BJF-CT34Q4T2
Any 4 consecutive sub-bins:
T3 (1310) - U4 (2130)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Ammo
Yes
Blue
C5SMF-BJE-CR0U0352
550
2130
B3
460
B5
475
Ammo
No
Blue
C5SMF-BJE-CR0U0452
550
2130
B4
465
B5
475
Ammo
No
Blue
C5SMF-BJE-CT14Q3T2
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Ammo
No
Blue
C5SMF-BJE-CT14Q4T2
Any 4 consecutive sub-bins:
T1 (1100) - U2 (1824)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Ammo
No
Blue
C5SMF-BJE-CT34Q3T2
Any 4 consecutive sub-bins:
T3 (1310) - U4 (2130)
Any 1 color bin from B3 (460 nm) to B4 (470 nm)
Ammo
No
Blue
C5SMF-BJE-CT34Q4T2
Any 4 consecutive sub-bins:
T3 (1310) - U4 (2130)
Any 1 color bin from B4 (465 nm) to B5 (475 nm)
Ammo
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com