Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP2321 Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MSP2321
Description  -20V(D-S) P-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSP2321 Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSP2321 Datasheet HTML 1Page - MORE Semiconductor Company Limited MSP2321 Datasheet HTML 2Page - MORE Semiconductor Company Limited MSP2321 Datasheet HTML 3Page - MORE Semiconductor Company Limited MSP2321 Datasheet HTML 4Page - MORE Semiconductor Company Limited MSP2321 Datasheet HTML 5Page - MORE Semiconductor Company Limited MSP2321 Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Features
● VDS = -20V,ID = -3.9A
RDS(ON) <70mΩ @ VGS=-2.5V
RDS(ON) < 50mΩ @ VGS=-4.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package
Application
● PA switch
● Load switch
● Power management
D
G
S
Schematic diagram
Marking and pin assignment
SOT-23 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
MSP2321
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
Drain Current -Continuous
ID
-3.9
A
Drain Current -Pulsed
(Note 1)
IDM
-12
A
Maximum Power Dissipation
PD
1.4
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
89
/W
℃
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP2321
Lead Free
PIN Configuration
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6


Similar Part No. - MSP2321

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSP2301 MORESEMI-MSP2301 Datasheet
400Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP2301B MORESEMI-MSP2301B Datasheet
402Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
logo
Bruckewell Technology L...
MSP2301N3 BWTECH-MSP2301N3 Datasheet
556Kb / 6P
20V P-CHANNEL Enhancement Mode MOSFET
logo
MORE Semiconductor Comp...
MSP2303 MORESEMI-MSP2303 Datasheet
372Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP2305 MORESEMI-MSP2305 Datasheet
409Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSP2321

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSC0207W MORESEMI-MSC0207W Datasheet
499Kb / 6P
-20V(D-S) Dual P-Channel Enhancement Mode Power MOS FET
MSC4963W MORESEMI-MSC4963W Datasheet
623Kb / 6P
-20V(D-S) Dual P-Channel Enhancement Mode Power MOS FET
MSP0204E MORESEMI-MSP0204E Datasheet
381Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0205 MORESEMI-MSP0205 Datasheet
418Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP2301 MORESEMI-MSP2301 Datasheet
400Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP2301B MORESEMI-MSP2301B Datasheet
402Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP2305 MORESEMI-MSP2305 Datasheet
409Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP3415E MORESEMI-MSP3415E Datasheet
370Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0203 MORESEMI-MSP0203 Datasheet
405Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0204 MORESEMI-MSP0204 Datasheet
395Kb / 6P
-20V(D-S) P-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com