Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3099 Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MSP3099
Description  -30V(D-S) P-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSP3099 Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSP3099 Datasheet HTML 1Page - MORE Semiconductor Company Limited MSP3099 Datasheet HTML 2Page - MORE Semiconductor Company Limited MSP3099 Datasheet HTML 3Page - MORE Semiconductor Company Limited MSP3099 Datasheet HTML 4Page - MORE Semiconductor Company Limited MSP3099 Datasheet HTML 5Page - MORE Semiconductor Company Limited MSP3099 Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MSP3099
● VDS = -30V,ID = -4.2A
RDS(ON) < 130mΩ @ VGS=-2.5V
RDS(ON) < 75mΩ @ VGS=-4.5V
RDS(ON) < 55mΩ @ VGS=-10V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package
●PWM applications
●Load switch
●Power management
D
G
S
Schematic diagram
Marking and Pin Assignment
SOT-23 top view
Package Marking And Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
MSP3099
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
-4.2
A
Drain Current-Pulsed (Note 1)
IDM
-30
A
Maximum Power Dissipation
PD
1.2
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
104
/W
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
Lead Free
PIN Configuration
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6
General Features
Application


Similar Part No. - MSP3099

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MSP300 TEC-MSP300 Datasheet
383Kb / 7P
Analog Output or 14-Bit Digital Pressure with 11-Bit Temperature Output
logo
Texas Instruments
MSP30X11X2 TI1-MSP30X11X2 Datasheet
895Kb / 48P
MIXED SINGNAL MICROCONTROLLER
More results

Similar Description - MSP3099

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSP0304 MORESEMI-MSP0304 Datasheet
407Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0307W MORESEMI-MSP0307W Datasheet
465Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0309W MORESEMI-MSP0309W Datasheet
509Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0315D MORESEMI-MSP0315D Datasheet
622Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0315W MORESEMI-MSP0315W Datasheet
480Kb / 6P
- 30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0330D MORESEMI-MSP0330D Datasheet
549Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP2303 MORESEMI-MSP2303 Datasheet
372Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP3401 MORESEMI-MSP3401 Datasheet
403Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP3401L MORESEMI-MSP3401L Datasheet
374Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP9435W MORESEMI-MSP9435W Datasheet
689Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com