Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W160ECT100N6T Datasheet(PDF) 14 Page - STMicroelectronics

Part # M28W160ECT100N6T
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160ECT100N6T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M28W160ECT100N6T Datasheet HTML 10Page - STMicroelectronics M28W160ECT100N6T Datasheet HTML 11Page - STMicroelectronics M28W160ECT100N6T Datasheet HTML 12Page - STMicroelectronics M28W160ECT100N6T Datasheet HTML 13Page - STMicroelectronics M28W160ECT100N6T Datasheet HTML 14Page - STMicroelectronics M28W160ECT100N6T Datasheet HTML 15Page - STMicroelectronics M28W160ECT100N6T Datasheet HTML 16Page - STMicroelectronics M28W160ECT100N6T Datasheet HTML 17Page - STMicroelectronics M28W160ECT100N6T Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
M28W160ECT, M28W160ECB
14/50
Table 3. Commands
Note: 1. X = Don't Care.
2. The signature addresses are listed in Tables 4, 5 and 6.
3. Addr 1 and Addr 2 must be consecutive Addresses differing only for A0.
Table 4. Read Electronic Signature
Note:
RP = VIH.
Commands
No. of
Cycles
Bus Write Operations
1st Cycle
2nd Cycle
3nd Cycle
Bus
Op.
Addr
Data
Bus
Op.
Addr
Data
Bus
Op.
Addr
Data
Read Memory Array
1+
Write
X
FFh
Read
Read
Addr
Data
Read Status Register
1+
Write
X
70h
Read
X
Status
Register
Read Electronic Signature
1+
Write
X
90h
Read
Signature
Addr (2)
Signature
Read CFI Query
1+
Write
X
98h
Read
CFI Addr
Query
Erase
2
Write
X
20h
Write
Block
Addr
D0h
Program
2
Write
X
40h or
10h
Write
Addr
Data Input
Double Word Program(3)
3
Write
X
30h
Write
Addr 1
Data Input
Write
Addr 2
Data
Input
Clear Status Register
1
Write
X
50h
Program/Erase Suspend
1
Write
X
B0h
Program/Erase Resume
1
Write
X
D0h
Block Lock
2
Write
X
60h
Write
Block
Address
01h
Block Unlock
2
Write
X
60h
Write
Block
Address
D0h
Block Lock-Down
2
Write
X
60h
Write
Block
Address
2Fh
Protection Register
Program
2Write
X
C0h
Write
Address
Data Input
Code
Device
E
G
W
A0
A1
A2-A7
A8-A19
DQ0-DQ7
DQ8-DQ15
Manufacture.
Code
VIL
VIL
VIH
VIL
VIL
0
Don't Care
20h
00h
Device Code
M28W160ECT
VIL
VIL
VIH
VIH
VIL
0
Don't Care
CEh
88h
M28W160ECB
VIL
VIL
VIH
VIH
VIL
0
Don't Care
CFh
88h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com