Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3200RSVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3200RSVR
Description  USB 2.0 Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200RSVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3USB3200RSVR Datasheet HTML 2Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 3Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 4Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 5Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 6Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 7Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 8Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 9Page - Texas Instruments TS3USB3200RSVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
TS3USB3200
SCDS333B – JUNE 2012 – REVISED JULY 2016
www.ti.com
Product Folder Links: TS3USB3200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Dynamic Characteristics (continued)
TA = –40°C to 85°C, Typical values are at VCC = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OISO
OFF Isolation
VCC = 2.7 V to 4.3 V, RL = 50 Ω,
f = 240 MHz
Switch OFF
–37
dB
XTALK
Crosstalk
VCC = 2.7 V to 4.3 V, RL = 50 Ω,
f = 240 MHz
Switch ON
–37
dB
BW(MHL)
MHL path –3-dB bandwidth
VCC = 2.7 V to 4.3 V, RL = 50 Ω
Switch ON
5.5
GHz
BW(USB)
USB path –3-dB bandwidth
VCC = 2.7 V to 4.3 V, RL = 50 Ω
Switch ON
5.5
GHz
BW(ID)
ID path –3-dB bandwidth
VCC = 2.7 V to 4.3 V, RL = 50 Ω
Switch ON
4
GHz
SUPPLY
VBUS
VBUS Power supply voltage
4.3
5.5
V
VCC
Power supply voltage
2.7
4.3
V
ICC
Positive supply current
VCC = 4.3 V, VIN = VCC or GND, VI/O = 0 V
Switch ON or OFF
40
70
µA
ICC, VBUS
Positive supply current (VBUS mode)
VCC = 0 V, VBUS = 5.5 V, VIN = VCC or GND,
VI/O = 0 V
Switch ON or OFF
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com