Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX6AFKB Datasheet(PDF) 1 Page - Cree, Inc

Part # CLX6AFKB
Description  PLCC6 3-in-1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLX6AFKB Datasheet(HTML) 1 Page - Cree, Inc

  CLX6AFKB Datasheet HTML 1Page - Cree, Inc CLX6AFKB Datasheet HTML 2Page - Cree, Inc CLX6AFKB Datasheet HTML 3Page - Cree, Inc CLX6AFKB Datasheet HTML 4Page - Cree, Inc CLX6AFKB Datasheet HTML 5Page - Cree, Inc CLX6AFKB Datasheet HTML 6Page - Cree, Inc CLX6AFKB Datasheet HTML 7Page - Cree, Inc CLX6AFKB Datasheet HTML 8Page - Cree, Inc CLX6AFKB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC6 3-in-1 SMD LED
CLX6A-FKB
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
This SMD LED features an IPX8 water
resistant rating in a PLCC6 package.
These high performance tricolor SMT
LEDs are designed to work in a wide
range of applications. A wide viewing
angle and high brightness make
these LEDs suitable for outdoor and
full color video signage applications.
The encapsulation resin contains UV
inhibitors to minimize the effects of
long-term exposure to direct
sunlight, resulting in stable light
output over the life of the LED. This
PLCC6 package has an increased
package height to ease in the
manufacturing process.
FEATURES
• Size (mm):3.5 x 3.4 x 2.8
Dominant Wavelength:
Red (619 - 624nm)
Green (520 - 540nm)
Blue (460 - 480nm)
• Luminous Intensity (mcd)
Red (450 - 1120)
Green (900 - 2240)
Blue (224 - 560)
• Water-Resistant (IPX8)*
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Outdoor Full-Color Video Screen
• Decorative lighting
• Amusement
*
:This part is tested under the condition of assembling it on a PCB with isolating the electrical path by silicone.


Similar Part No. - CLX6AFKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLX6A-FKB-CJ1N1F1BB7D3D3 CREE-CLX6A-FKB-CJ1N1F1BB7D3D3 Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLX6A-FKB-CJNNRFJBB7a363 CREE-CLX6A-FKB-CJNNRFJBB7a363 Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLX6A-FKB-CK1P1G1BB7C4S3 CREE-CLX6A-FKB-CK1P1G1BB7C4S3 Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLX6A-FKB-CK1P1G1BB7D3D3 CREE-CLX6A-FKB-CK1P1G1BB7D3D3 Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
More results

Similar Description - CLX6AFKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com