Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRM140 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRM140
Description  Surface Mount Schottky Power Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRM140 Datasheet(HTML) 2 Page - ON Semiconductor

  MBRM140 Datasheet HTML 1Page - ON Semiconductor MBRM140 Datasheet HTML 2Page - ON Semiconductor MBRM140 Datasheet HTML 3Page - ON Semiconductor MBRM140 Datasheet HTML 4Page - ON Semiconductor MBRM140 Datasheet HTML 5Page - ON Semiconductor MBRM140 Datasheet HTML 6Page - ON Semiconductor MBRM140 Datasheet HTML 7Page - ON Semiconductor MBRM140 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MBRM140
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current (At Rated VR, TC = 110°C)
IO
1.0
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 100 kHz, TC = 110°C)
IFRM
2.0
A
Non-Repetitive Peak Surge Current
(Non-Repetitive peak surge current, halfwave, single phase, 60 Hz)
IFSM
50
A
Storage Temperature
Tstg
-55 to 150
°C
Operating Junction Temperature
TJ
-55 to 125
°C
Voltage Rate of Change (Rated VR, TJ = 25°C)
dv/dt
10,000
V/
ms
THERMAL CHARACTERISTICS
Thermal Resistance - Junction-to-Lead (Anode) (Note 1)
Thermal Resistance - Junction-to-Tab (Cathode) (Note 1)
Thermal Resistance - Junction-to-Ambient (Note 1)
Rtjl
Rtjtab
Rtja
35
23
277
°C/W
1. Mounted with minimum recommended pad size, PC Board FR4, See Figures 9 & 10.
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2), See Figure 2
VF
TJ = 25°C
TJ = 85°C
V
(IF = 0.1 A)
(IF = 1.0 A)
(IF = 3.0 A)
0.36
0.55
0.85
0.30
0.515
0.88
Maximum Instantaneous Reverse Current (Note 2), See Figure 4
IR
TJ = 25°C
TJ = 85°C
mA
(VR = 40 V)
(VR = 20 V)
0.5
0.15
25
18
2. Pulse Test: Pulse Width
≤ 250 µs, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com