Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXB1520 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXB1520
Description  Available in 5-step EasyWhite
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1520 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXB1520 Datasheet HTML 3Page - Cree, Inc CXB1520 Datasheet HTML 4Page - Cree, Inc CXB1520 Datasheet HTML 5Page - Cree, Inc CXB1520 Datasheet HTML 6Page - Cree, Inc CXB1520 Datasheet HTML 7Page - Cree, Inc CXB1520 Datasheet HTML 8Page - Cree, Inc CXB1520 Datasheet HTML 9Page - Cree, Inc CXB1520 Datasheet HTML 10Page - Cree, Inc CXB1520 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
77
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and
the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXB1520 LED
rELativE LuMinous fLuX
The relative luminous flux values provided below are the ratio of:
• Measurements of CXB1520 at steady-state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 500 mA at T
J = 85 °C.
For example, at steady‑state operation of Tc = 25 °C, I
F = 1000 mA, the relative luminous flux ratio is 200% in the chart below. A CXB1520
LED that measures 2100 lm during binning will deliver 4200 lm (2100 * 2) at steady‑state operation of Tc = 25 °C, I
F = 1000 mA.
0%
40%
80%
120%
160%
200%
240%
280%
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com