Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLV6A-FKB Datasheet(PDF) 4 Page - Cree, Inc

Part # SLV6A-FKB
Description  PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

SLV6A-FKB Datasheet(HTML) 4 Page - Cree, Inc

  SLV6A-FKB Datasheet HTML 1Page - Cree, Inc SLV6A-FKB Datasheet HTML 2Page - Cree, Inc SLV6A-FKB Datasheet HTML 3Page - Cree, Inc SLV6A-FKB Datasheet HTML 4Page - Cree, Inc SLV6A-FKB Datasheet HTML 5Page - Cree, Inc SLV6A-FKB Datasheet HTML 6Page - Cree, Inc SLV6A-FKB Datasheet HTML 7Page - Cree, Inc SLV6A-FKB Datasheet HTML 8Page - Cree, Inc SLV6A-FKB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC6 3 in 1 SMD LED
SLV6A-FKB
ORDER CODE TABLE*
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Package
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
SLV6A-FKB-CKNPRGJBB7a363
Red
560
1120
RB
619
RB
624
Reel
Green
1120
2240
G7
520
Ga
540
Reel
Blue
280
560
B3
460
B6
480
Reel
SLV6A-FKB-CK1P1G1BB7R3R3
Red
Any 1 Intensity bin from K(560) - N(1120)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from P(1120) - R(2240)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from G(280) - J(560)
Any 1 hue bin from B3(460) - B6(480)
Reel
SLV6A-FKB-CM1Q1H1BB7R3R3
Red
Any 1 Intensity bin from M(710) - N(1120)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from Q(1400) - R(2240)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from H(355) - J(560)
Any 1 hue bin from B3(460) - B6(480)
Reel
Notes:
1. The above kit numbers represent the order codes which include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-
bin code will be orderable in certain quantities.
2. For example, any 1 intensity-bin from K - N means only 1 intensity-bin (K or np or M or qr or N) will be shipped by
Cree.
3. For example, any 1 color-bin from G7 - Ga means only 1 color-bin (G7 or G23 or G8 or G45 or G9 or G67 or Ga) will
be shipped by Cree.
4. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
5. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com