Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRA340 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRA340
Description  Surface Mount Schottky Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRA340 Datasheet(HTML) 2 Page - ON Semiconductor

  MBRA340 Datasheet HTML 1Page - ON Semiconductor MBRA340 Datasheet HTML 2Page - ON Semiconductor MBRA340 Datasheet HTML 3Page - ON Semiconductor MBRA340 Datasheet HTML 4Page - ON Semiconductor MBRA340 Datasheet HTML 5Page - ON Semiconductor MBRA340 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRA340T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance − Junction−to−Lead (Note 1)
Thermal Resistance − Junction−to−Ambient (Note 1)
RθJL
RθJA
15
81
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2)
VF
TJ = 25°C
TJ = 100°C
Volts
Maximum Instantaneous Forward Voltage (Note 2)
(IF = 3.0 A)
0.450
0.390
Maximum Instantaneous Reverse Current
IR
TJ = 25°C
TJ = 100°C
mA
Maximum Instantaneous Reverse Current
(VR = 40 V)
0.3
15
1. Mounted on 2
″ Square PC Board with 1″ Square Total Pad Size, PC Board FR4.
2. Pulse Test: Pulse Width
≤ 250 µs, Duty Cycle ≤ 2.0%.
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
10
1
0.1
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.10
0.30
0.50
TJ = 125°C
TJ = −55°C
TJ = 25°C
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
10E−6
100E−6
30
40
20
10
0
100E−9
100E−12
TJ = 125°C
0.20
0.40
0.60
TJ = 100°C
10
1
0.1
VF, MAXIMUM INSTANTANEOUS FORWARD
VOLTAGE (VOLTS)
0.10
0.30
0.50
TJ = 125°C
TJ = −55°C
TJ = 25°C
0.20
0.40
TJ = 100°C
0.60
1E−3
1E−6
10E−9
1E−9
TJ = −55°C
TJ = 25°C
TJ = 100°C
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
10E−6
100E−6
30
40
20
10
0
TJ = 125°C
1E−3
1E−6
TJ = −55°C
TJ = 25°C
TJ = 100°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com