Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C2M32S Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS4C2M32S
Description  AS4C2M32S
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32S Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS4C2M32S Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
AS4C2M32S
Confidential
1
Rev. 3.0
Dec. /2012
2M x 32 bit Synchronous DRAM (SDRAM)
Confidential
Advanced (Rev. 3.0, Dec. /2012)
Features
 Fast access time: 5.4/5.4 ns
 Fast Clock rate: 166/143 MHz
 Fully synchronous operation
 Internal pipelined architecture
 Four internal banks (512K x 32bit x 4bank)
 Programmable Mode
- CAS Latency: 2 or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: Sequential or Interleaved
- Burst-Read-Single-Write
 Burst stop function
 Individual byte controlled by DQM0-3
 Auto Refresh and Self Refresh
 Operating temperature range
- Commercial (0 ~ 70°C)
- Industrial (-40 ~ 85°C)
 4096 refresh cycles/64ms
 Single +3.3V ± 0.3V power supply
 Interface: LVTTL
 90-ball 8 x 13 x 1.2mm TFBGA package
- Pb and Halogen Free
Overview
The 64Mb SDRAM is a high-speed CMOS
synchronous DRAM containing 64 Mbits. It is
internally configured as a quad 512K x 32 DRAM
with a synchronous interface (all signals are
registered on the positive edge of the clock signal,
CLK). Each of the 512K x 32 bit banks is organized
as 2048 rows by 256 columns by 32 bits. Read and
write accesses to the SDRAM are burst oriented;
accesses start at a selected location and continue for
a programmed number of locations in a programmed
sequence. Accesses begin with the registration of a
BankActivate command which is then followed by a
Read or Write command.
The SDRAM provides for programmable Read
or Write burst lengths of 1, 2, 4, 8, or full page, with a
burst termination option. An auto precharge function
may be enabled to provide a self-timed row
precharge that is initiated at the end of the burst
sequence. The refresh functions, either Auto or Self
Refresh are easy to use.
By having a programmable mode register, the
system can choose the most suitable modes to
maximize its performance. These devices are well
suited for applications requiring high memory
bandwidth.
Table 1. Key Specifications
AS4C2M32S
-6/7
tCK3
Clock Cycle time(min.)
6/7
ns
tAC3
Access time from CLK (max.)
5.4/5.4 ns
tRAS
Row Active time(min.)
42/42 ns
tRC
Row Cycle time(min.)
60/63 ns
Table 2.Ordering Information
Part Number
Frequency
Package
Temperature
Temp Range
AS4C2M32S-6BIN
166MHz
90-ball TFBGA
Industrial
-40 ~ 85°C
AS4C2M32S-7BCN
143MHz
90-ball TFBGA
Commercial
0 ~ 70°C
B: indicates 90-ball (8 x 13 x 1.2mm) TFBGA package
N: indicates Pb and Halogen Free


Similar Part No. - AS4C2M32S

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C2M32SA ALSC-AS4C2M32SA Datasheet
5Mb / 54P
64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
AS4C2M32SA-6TCN ALSC-AS4C2M32SA-6TCN Datasheet
5Mb / 54P
64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
AS4C2M32SA-6TIN ALSC-AS4C2M32SA-6TIN Datasheet
5Mb / 54P
64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
AS4C2M32SA-7TCN ALSC-AS4C2M32SA-7TCN Datasheet
5Mb / 54P
64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com