Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C4M16SA Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C4M16SA
Description  Synchronous DRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16SA Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C4M16SA Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
AS4C4M16SA - Automotive
Confidential
7
Rev. 1.0-63nm Mar. /2014
Commands
1
BankActivate
(RAS# = "L", CAS# = "H", WE# = "H", BAs = Bank, A0-A11 = Row Address)
The BankActivate command activates the idle bank designated by the BA0, 1 signal. By latching the row
address on A0 to A11 at the time of this command, the selected row access is initiated. The read or write
operation in the same bank can occur after a time delay of tRCD(min.) from the time of bank activation. A
subsequent BankActivate command to a different row in the same bank can only be issued after the
previous active row has been precharged (refer to the following figure). The minimum time interval
between successive BankActivate commands to the same bank is defined by tRC(min.). The SDRAM has
four internal banks on the same chip and shares part of the internal circuitry to reduce chip area; therefore
it restricts the back-to-back activation of the two banks. tRRD(min.) specifies the minimum time required
between activating different banks. After this command is used, the Write command and the Block Write
command perform the no mask write operation.
CLK
COMMAND
T0
T1
ADDRESS
T2
T3
Tn+3
Tn+4
Tn+5
Tn+6
RAS# - CAS# delay(tRCD)
RAS# - RAS# delay time(tRRD)
RAS# - Cycle time(tRC)
AutoPrecharge
Begin
Bank A
Row Addr.
Bank A
Col Addr.
Bank B
Row Addr.
Bank A
Row Addr.
Bank A
Activate
NOP
NOP
R/W A with
AutoPrecharge
Bank B
Activate
NOP
NOP
Bank A
Activate
Don’t Care
Figure 3. BankActivate Command Cycle (Burst Length = n)
2
BankPrecharge command
(RAS# = "L", CAS# = "H", WE# = "L", BAs = Bank, A10 = "L", A0-A9 and A11 = Don't care)
The BankPrecharge command precharges the bank designated by BA signal. The precharged bank is
switched from the active state to the idle state. This command can be asserted anytime after tRAS(min.) is
satisfied from the BankActivate command in the desired bank. The maximum time any bank can be active
is specified by tRAS(max.). Therefore, the precharge function must be performed in any active bank within
tRAS(max.). At the end of precharge, the precharged bank is still in the idle state and is ready to be
activated again.
3
PrechargeAll command
(RAS# = "L", CAS# = "H", WE# = "L", BAs = Don’t care, A10 = "H", A0-A9 and A11 = Don't care)
The PrechargeAll command precharges all banks simultaneously and can be issued even if all banks are
not in the active state. All banks are then switched to the idle state.
4
Read command
(RAS# = "H", CAS# = "L", WE# = "H", BAs = Bank, A10 = "L", A0-A7 = Column Address)
The Read command is used to read a burst of data on consecutive clock cycles from an active row in an
active bank. The bank must be active for at least tRCD(min.) before the Read command is issued. During
read bursts, the valid data-out element from the starting column address will be available following the
CAS latency after the issue of the Read command. Each subsequent data-out element will be valid by the
next positive clock edge (refer to the following figure). The DQs go into high-impedance at the end of the
burst unless other command is initiated. The burst length, burst sequence, and CAS latency are
determined by the mode register, which is already programmed. A full-page burst will continue until
terminated (at the end of the page it will wrap to column 0 and continue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com