Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10H50 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR10H50
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR10H50 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR10H50 Datasheet HTML 1Page - Vishay Siliconix MBR10H50 Datasheet HTML 2Page - Vishay Siliconix MBR10H50 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR10Hxx, MBRF10Hxx & MBRB10Hxx Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88780
2
03-Mar-03
Maximum Ratings (TC = 25 °C unless otherwise noted)
Parameter
Symbol
MBR10H35 MBR10H45 MBR10H50 MBR10H60
Unit
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Working peak reverse voltage
VRWM
35
45
50
60
V
Maximum DC blocking voltage
VDC
35
45
50
60
V
Maximum average forward rectified current (See fig.1)
IF(AV)
10
A
Peak repetitive forward current at TC = 150 °C
(20 KHz sq. wave)
IFRM
20
A
Non-repetitive avalanche energy
at 25
°C, IAS = 4 A, L = 10 mH
EAS
80
mJ
Peak forward surge current 8.3 ms single half sine-wave
IFSM
150
A
superimposed on rated load (JEDEC Method)
Peak repetitive reverse current
at tp = 2.0
µs, 1 KHZ
IRRM
1.0
0.5
A
Peak non-repetitive reverse energy (8/20
µs waveform)
ERSM
20
10
mJ
Electrostatic discharge capacitor voltage
VC
25
kV
Human body model: C = 100 pF, R = 1.5 k
Ω
Voltage rate of change (rated VR)
dv/dt
10,000
V/
µs
Operating junction temperature range
TJ
–65 to +175
°C
Storage temperature range
TSTG
–65 to +175
°C
RMS Isolation voltage (MBRF type only) from terminals
4500(1)
to heatsink with t = 1.0 second, RH
≤ 30%
VISOL
3500(2)
V
1500(3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR10H35, MBR10H45 MBR10H50, MBR10H60
Unit
Typ
Max
Typ
Max
Maximum instantaneous
at IF = 10 A
TJ = 25 °C
–
0.63
–
0.71
forward voltage(4)
at IF = 10 A
TJ = 125 °C
VF
0.49
0.55
0.57
0.61
V
at IF = 20 A
TJ = 25 °C
–
0.75
–
0.85
at IF = 20 A
TJ =125 °C
0.62
0.68
0.68
0.71
Maximum instantaneous reverse current
TJ = 25 °C
–
100
–
100
µA
at rated DC blocking voltage(4)
TJ =125 °C
IR
4.0
12
2.0
12
mA
Thermal Characteristics (TC = 25 °C unless otherwise noted)
Parameter
Symbol
MBR
MBRF
MBRB
Unit
Maximum thermal resistance
R
θJC
2.0
4.0
2.0
°C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(2) Clip mounting (on case), where leads do overlap heatsink
(4) Pulse test: 300
µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
MBR10H35 – MBR10H60
TO-220AC
45
Anti-Static tube, 50/tube, 2K/carton
MBRF10H35 – MBRF10H60
ITO-220AC
45
Anti-Static tube, 50/tube, 2K/carton
31
13” reel, 800/reel, 4.8K/carton
MBRB10H35 – MBRB10H60
TO-263AB
45
Anti-Static tube, 50/tube, 2K/carton
81
Anti-Static 13” reel, 800/reel, 4.8K/carton



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com