Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C128M16D3LB Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D3LB
Description  96 ball FBGA PACKAGE
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D3LB Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS4C128M16D3LB Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C128M16D3LB Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C128M16D3LB Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C128M16D3LB Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C128M16D3LB Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C128M16D3LB Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C128M16D3LB Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C128M16D3LB Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C128M16D3LB Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
AC and DC Logic Input Levels for Differential Signals
Differential signals definition
Differential swing requirement for clock (CK - CK) and strobe (DQS - DQS)
Differential AC and DC Input Levels(1.35V)
Symbol
Parameter
Min.
Max.
Units
Notes
VIHdiff
Differential input high
+0.18
NOTE 3
V
1
VILdiff
Differential input low
NOTE 3
-0.18
V
1
VIHdiff(AC)
Differential input high AC
2 x (VIH(AC) - VREF)
NOTE 3
V
2
VILdiff(AC)
Differential input low AC
NOTE 3
2 x (VIL(AC) - VREF)
V
2
Definition of differential ac-swing and "time above ac level" tDVAC
0.0
tDVAC
VIH.DIFF.MIN
half cycle
time
tDVAC
VIH.DIFF.AC.MIN
VIL.DIFF.MAX
VIL.DIFF.AC.MAX
AS4C128M16D3LB-12BCN
Confidential
- 21/45 -
Rev.1.0 Mar 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com