Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM323K Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM323K
Description  3-Amp, 5-Volt Positive Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM323K Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM323K Datasheet HTML 1Page - National Semiconductor (TI) LM323K Datasheet HTML 2Page - National Semiconductor (TI) LM323K Datasheet HTML 3Page - National Semiconductor (TI) LM323K Datasheet HTML 4Page - National Semiconductor (TI) LM323K Datasheet HTML 5Page - National Semiconductor (TI) LM323K Datasheet HTML 6Page - National Semiconductor (TI) LM323K Datasheet HTML 7Page - National Semiconductor (TI) LM323K Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM323A/LM323 Electrical Characteristics (Note 2) (Continued)
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Unless otherwise noted, specifications apply for −55˚C
≤ Tj ≤ +150˚C for the LM123, −40˚C ≤ Tj ≤ +125˚C for the LM323A, and 0˚C ≤ Tj ≤ +125˚C for the
LM323. Although power dissipation is internally limited, specifications apply only for P
≤ 30W.
Note 3: Without a heat sink, the thermal resistance of the TO-3 package is about 35˚C/W. With a heat sink, the effective thermal resistance can only approach the
specified values of 2˚C/W, depending on the efficiency of the heat sink.
Note 4: Load and line regulation are specified at constant junction temperature. Pulse testing is required with a pulse width
≤ 1 ms and a duty cycle ≤ 5%.
Note 5: Refer to RETS123K drawing for LM123K military specifications.
Note 6: Human body model, 1.5 k
Ω in series with 100 pF.
Typical Performance Characteristics
Maximum Average Power
Dissipation for LM123
DS007771-9
Maximum Average Power
Dissipation for LM323A, LM323
DS007771-10
Output Impedance
DS007771-11
Peak Available Output Current
DS007771-12
Short Circuit Current
DS007771-13
Ripple Rejection
DS007771-14
Dropout Voltage
DS007771-15
Line Transient Response
DS007771-16
Output Voltage
DS007771-17
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com