Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A623308AM-70SF Datasheet(PDF) 13 Page - AMIC Technology

Part # A623308AM-70SF
Description  8K X 8 BIT CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A623308AM-70SF Datasheet(HTML) 13 Page - AMIC Technology

Back Button A623308AM-70SF Datasheet HTML 6Page - AMIC Technology A623308AM-70SF Datasheet HTML 7Page - AMIC Technology A623308AM-70SF Datasheet HTML 8Page - AMIC Technology A623308AM-70SF Datasheet HTML 9Page - AMIC Technology A623308AM-70SF Datasheet HTML 10Page - AMIC Technology A623308AM-70SF Datasheet HTML 11Page - AMIC Technology A623308AM-70SF Datasheet HTML 12Page - AMIC Technology A623308AM-70SF Datasheet HTML 13Page - AMIC Technology A623308AM-70SF Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
A623308A Series
(July, 2006, Version 1.0)
12
AMIC Technology, Corp.
Package Information
SOP (W.B.) 28L Outline Dimensions
unit: inches/mm
1
L
L1
14
See Detail F
Detail F
B
15
28
S
D
Seating Plane
y
e
y
θ
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.112
-
-
2.85
A1
0.004
-
-
0.10
-
-
A2
0.093
0.098
0.103
2.36
2.49
2.62
B
0.014
0.016
0.020
0.36
0.41
0.51
C
0.008
0.010
0.012
0.20
0.25
0.30
D
-
0.713
0.728
-
18.11
18.49
E
0.326
0.331
0.336
8.28
8.41
8.53
e
0.044
0.050
0.056
1.12
1.27
1.42
H
0.453
0.465
0.477
11.51
11.81
12.12
L
0.028
0.036
0.044
0.71
0.91
1.12
L1
0.059
0.067
0.075
1.50
1.70
1.91
S
-
-
0.047
-
-
1.19
y
-
-
0.004
-
-
0.10
θ
0°
-
8°
0°
-
8°
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.
3. Dimension S includes end flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com