Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20150CL Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MBRF20150CL
Description  Full Plastic Dual Schottky Barrier Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MBRF20150CL Datasheet(HTML) 1 Page - Mospec Semiconductor

  MBRF20150CL Datasheet HTML 1Page - Mospec Semiconductor MBRF20150CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPE
MBRF20150CL
C
rietary barrier technology allows for
tion up to 175℃ junction temperature. Typical application are in
sw
lies such as adaptors, DC/DC converters, free-
wh
tion diodes.
Low Stored Charge Majority Carrier Conduction.
Plastic Material used Carries Underw
2002/95/EC directives
aracteristic
Sy
l
MBRF20150CL
Unit
Switchmode
Full Plastic Dual Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high
emperature operation metal.
The prop
t
reliable opera
itching Mode Power Supp
c
eeling and polarity prote
Features
*
Low Forward Voltage.
*
Low Switching noise.
*
High Current Capacity
*
Guarantee Reverse Avalanche.
*
Guard-Ring for Stress Protection.
*
Low Power Loss & High efficiency.
*
175℃ Operating Junction Temperature
*
*
riters Laboratory
Flammability Classification 94V-O
SCH
R
20 AMPERES
150 VOLTS
O
IE
TTKY BARR
RECTI IERS
F
ITO-220AB
*In compliance with EU RoHs
MAXIMUM RATINGS
Ch
mbo
Peak Repetitive Reverse Voltage
VRWM
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VR
150
RMS Reverse Voltage
E
MILLIM TERS
DIM
M
VR(RMS)
105
V
Average Rectifier Forward Current
otal Device (Rated V ), T =125
MIN
AX
A
14.90
15.15
B
1
1
3.35
3.55
C
( per diode )
T
R
C
℃
IF(AV)
20
A
10
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
20
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
150
A
1
1
0.00
0.10
D
6.55
6.65
E
2.65
2.75
F
1.55
1.65
G
1.15
1.25
H
0.55
0.65
I
2.50
2.60
J
3.00
3.20
K
1.10
1.20
L
0.55
0.65
M
4.40
4.60
N
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +175
℃
1.15
1.25
O
3.35
3.45
P
2.65
2.75
THERMAL RESISTANCES
Typical Thermal Resistance junction to case ( per device )
Q
3.15
3.25
Rθjc
3.6
℃
/w
ELECTRIAL CHARACTERISTICS
Characteristic
R
3.60
3.80
Sy
l
R
Unit
mbo
MB F20150CL
M
rward Voltage ( per diode )
aximum Instantaneous Fo
( IF =0.1 Amp TC = 25℃)
---
0.29 0.35
( IF =5.0 Amp TC = 25℃)
---
0.77 0.86
( IF =10 Amp TC = 25℃)
VF
---
0.91 0.95
V
Maximum Instantaneous Rev
( Rated DC Voltage, TC = 2
erse Current
5℃)
IR
0.08 0.1
10
30
mA
( Rated DC Voltage, TC = 125℃)


Similar Part No. - MBRF20150CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBRF20150C MOSPEC-MBRF20150C Datasheet
149Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
logo
Thinki Semiconductor Co...
MBRF20150CA THINKISEMI-MBRF20150CA Datasheet
446Kb / 2P
20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF20150CA THINKISEMI-MBRF20150CA Datasheet
427Kb / 2P
20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
logo
Mospec Semiconductor
MBRF20150CK MOSPEC-MBRF20150CK Datasheet
154Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
logo
Taiwan Semiconductor Co...
MBRF20150CT TSC-MBRF20150CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF20150CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBRF2030C MOSPEC-MBRF2030C Datasheet
146Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10100CK MOSPEC-MBRF10100CK Datasheet
152Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF10150C MOSPEC-MBRF10150C Datasheet
141Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF20100C MOSPEC-MBRF20100C Datasheet
148Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF20120CK MOSPEC-MBRF20120CK Datasheet
157Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30100CL MOSPEC-MBRF30100CL Datasheet
147Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30150CK MOSPEC-MBRF30150CK Datasheet
165Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30200CK MOSPEC-MBRF30200CK Datasheet
164Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
MBRF30200CL MOSPEC-MBRF30200CL Datasheet
155Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
SRF10150 MOSPEC-SRF10150 Datasheet
201Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com