Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XFCSPL3 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XFCSPL3
Description  Compact Shielded Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFCSPL3 Datasheet(HTML) 1 Page - XFMRS Inc.

  XFCSPL3 Datasheet HTML 1Page - XFMRS Inc. XFCSPL3 Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YYOOUURR SSUUCCCCEESSSS IISS OOUURR GGOOAALL......
wwwwww..XXFFMMRRSS..ccoomm
• Inductance Range: 1 uH to 33uH
• Current Ratings: 1 .3A to 4.5A
• Surface Mount
XFCSPL3­xxxx SERIES
Compact Shielded Power Inductor
7570 E. LANDERSDALE RD. CAMBY, IN 4611 3
31 7-834-1 066
info@xfmrs.com
REV A/1
Nov-30-1 5
• Compact Shielded Design
• High Isat Performance
• Low Noise


Similar Part No. - XFCSPL3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
XFC215 RENESAS-XFC215 Datasheet
954Kb / 25P
XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
September 13, 2023
XFC215125.000000I RENESAS-XFC215125.000000I Datasheet
903Kb / 25P
XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
July 13, 2021
XFC215125.000000K RENESAS-XFC215125.000000K Datasheet
903Kb / 25P
XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
July 13, 2021
XFC216 RENESAS-XFC216 Datasheet
954Kb / 25P
XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
September 13, 2023
XFC216125.000000I RENESAS-XFC216125.000000I Datasheet
903Kb / 25P
XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
July 13, 2021
More results

Similar Description - XFCSPL3

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
SHIELDED POWER INDUCTOR
08.05.09
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
SHIELDED POWER INDUCTOR
logo
Abracon Corporation
ASPIAIG-SXXXX ABRACON-ASPIAIG-SXXXX Datasheet
1Mb / 7P
COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
12.21.2016
ASPIAIG-HXXXX ABRACON-ASPIAIG-HXXXX Datasheet
1Mb / 6P
COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
12.21.2016
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
Shielded Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com