Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXE25 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE25
Description  Crystal Oscillator (SPXO) in double-sealed DIL14 package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE25 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE25 Datasheet HTML 1Page - Advanced XTAL Products AXE25 Datasheet HTML 2Page - Advanced XTAL Products AXE25 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXE25 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXE25
Rev.: 1
Date: 2014-04-04
Oscillator type:
Crystal Oscillator (SPXO) in double-sealed DIL14 package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
1
150
MHz
Frequency stability
Overall stability (Note 2)
±10 to ±100
See table 1
ppm
Option 2
vs. operating temperature range
See table 2
Option 3
Long term (aging) per year
±2
ppm
@ 40°C
RF output
Signal waveform
Sine Wave
Load
50
Ω
± 10%
Output level
+3
dBm
Harmonics
-30
dBc
Start-up time
10
ms
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option 1 = “33”
Option 1 = ”50”
Current consumption (steady state)
(Note 3)
45
25
mA
mA
Option 1 = “33”
Option 1 = ”50”
Enclosure (see drawing) (LxWxH)
20.7x13.1x7.5 max.
mm
IEC 60679-3 CO 02
Weight
5
g
Packing
Palette or Tube
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other stabilities on request
3.
Depending on frequency and supply voltage
4.
All combinations of options might not be available. Please consult factory
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Storage Temperature
-55
+125
°C
Overall stability and temperature range
Stability
Lower Temperature
Upper Temperature
Option 2
[ppm]
Option 3
T [°C]
Option 3
T [°C]
10
±10
0
0
A
+50
15
±15
1
-10
B
+60
25
±25
2
-20
C
+70
50
±50
3
-30
D
+75
100
±100
4
-40
E
+80
5
-55
F
+85
G
+105
H
+125
Table 1
Table 2


Similar Part No. - AXE25

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE20 AXTAL-AXE20 Datasheet
52Kb / 2P
Crystal Oscillator, low jitter, in double-sealed DIL14 package (crystal resonator in hermetically sealed UM-1/HC-52/U)
2005-06-20
AXE238 AXTAL-AXE238 Datasheet
285Kb / 4P
Ultra-Low Noise SPXO in Vibration-isolated Package for very high random vibration levels
2018-10-26
More results

Similar Description - AXE25

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE20 AXTAL-AXE20 Datasheet
52Kb / 2P
Crystal Oscillator, low jitter, in double-sealed DIL14 package (crystal resonator in hermetically sealed UM-1/HC-52/U)
2005-06-20
logo
Epson Company
SG-210STF EPSON-SG-210STF Datasheet
376Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
SG5032CAN EPSON-SG5032CAN Datasheet
404Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
logo
Seiko Instruments Inc
SG2016CAN SII-SG2016CAN Datasheet
419Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
TCO-7106 SII-TCO-7106 Datasheet
353Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
TCO-7107 SII-TCO-7107 Datasheet
353Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
logo
Advanced XTAL Products
AXE50 AXTAL-AXE50 Datasheet
138Kb / 3P
Crystal Oscillator (SPXO) in double?릗ealed DIL14/14 package
AXE55 AXTAL-AXE55 Datasheet
138Kb / 3P
Crystal Oscillator (SPXO) in double?릗ealed DIL14/14 package
AXE135M AXTAL-AXE135M Datasheet
140Kb / 3P
Crystal Oscillator (SPXO) in DIL8 package
AXE7050M AXTAL-AXE7050M Datasheet
158Kb / 3P
Crystal Oscillator (SPXO) in 7x5 mm package
2015-11-23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com