Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXE50 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXE50
Description  Crystal Oscillator (SPXO) in double?릗ealed DIL14/14 package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE50 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXE50 Datasheet HTML 1Page - Advanced XTAL Products AXE50 Datasheet HTML 2Page - Advanced XTAL Products AXE50 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXE50 Rev.1 
www.axtal.com 
Roemerring 9 
Drawing D0 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 2(3) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Ordering Code 
Model 
Option 1 
[Supply Voltage] 
Option 2 
[Stability] 
Option 3
[Temperature range] 
Revision  Frequency [MHz] 
AXE50 
33 or 50 
Table 1 
Table 2
Rev.1
10.000 
Example: AXE50‐50‐25‐2C_Rev.1 – 10.000 MHz
 
 
 
Enclosure drawing 
 
 
 
 
 
Pin connections 
Pin #
Symbol
Function 
1
N.C.
No Connection 
7
GND
Ground 
8
RF OUT RF Output 
14
Vs
Supply Voltage 
All 
others
N.C.
No Connection 
  
 
 
 
Handling and Testing 
Parameter 
Procedure
Source 
Handling and Testing 
Application Note AXAN‐011
www.axtal.com 
Processing 
Application Note AXAN‐012
www.axtal.com 
 
Parameter 
Procedure
Condition 
Electrostatic discharge (ESD) 
      THD devices 
IEC60749‐26
HBM
2000 V 
      SMD devices 
IEC60749‐27
MM
200 V 
Washable 
  Yes      No
RoHS compliant 
  Yes      No
 
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com