Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXE55 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE55
Description  Crystal Oscillator (SPXO) in double?릗ealed DIL14/14 package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE55 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE55 Datasheet HTML 1Page - Advanced XTAL Products AXE55 Datasheet HTML 2Page - Advanced XTAL Products AXE55 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXE55 Rev.1 
www.axtal.com 
Roemerring 9 
Drawing D0 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 1(3) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
AXE55 
Rev.: 1 
Date: 2014‐05‐26 
Oscillator type:  Crystal Oscillator (SPXO) in double‐sealed DIL14/14 package
 
Parameter 
min. 
typ. 
max.  Unit 
Condition 
Frequency range 
1
150
MHz
 
Frequency stability 
 
Overall stability (Note 2)
±10 to ±100
See table 1 
ppm
Option 2 
      vs. operating temperature range 
See table 2
Option 3 
      Long term (aging) per year 
±2
ppm
@ 40°C  
RF output 
Signal waveform 
Sine Wave
 
Load 
50
Ω
± 10% 
Output level 
+3
dBm
 
Harmonics ‐30
dBc
 
Start‐up time 
10
ms
 
Supply voltage VS 
3.15
4.75 
3.3
5.0 
3.45
5.25 
V
V 
Option 1 = “33” 
Option 1 = ”50” 
Current consumption (steady state) 
(Note 3) 
45
25 
mA
mA 
Option 1 = “33” 
Option 1 = ”50” 
Enclosure (see drawing) (LxWxH) 
20.7x13.1x7.5 max.
mm
IEC 60679‐3 CO 02
Weight 
5
g
 
Packing 
Palette or Tube
IEC 60286‐3 
Notes: 
1.
Terminology and test conditions are according to IEC60679‐1 and MIL‐PRF‐55310, unless otherwise stated 
2.
Other stabilities on request 
3.
Depending on frequency and supply voltage 
4.
All combinations of options might not be available. Please consult factory 
 
 
Absolute Maximum Ratings 
Parameter 
min.
max.
Unit
Condition 
Supply Voltage VS 
‐0.5
VS + 10%
V
VS to GND 
Storage Temperature ‐55
+125
°C
 
 
Overall stability and temperature range 
 
Option 2 
Stability  
Lower Temperature
 
Upper Temperature 
[ppm] 
 
Option 3
T [°C]
Option 3
T [°C] 
10 
±10  
0 
0
A
+50
15 
±15  
1 ‐10
B
+60
25 
±25  
2 ‐20
C
+70
50 
±50  
3 ‐30
D
+75
100 
±100  
4 ‐40
E
+80
  
 
5 ‐55
F
+85
  
 
 
G
+105 
  
 
 
H
+125 
Table 1     
Table 2 
 


Similar Part No. - AXE55

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE550124 PANASONIC-AXE550124 Datasheet
321Kb / 6P
The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
AXE550124 PANASONIC-AXE550124 Datasheet
299Kb / 10P
Narrow pitch connectors (0.4mm pitch)
AXE550127 PANASONIC-AXE550127 Datasheet
622Kb / 13P
Narrow pitch connectors
AXE550127D PANASONIC-AXE550127D Datasheet
622Kb / 13P
Narrow pitch connectors
logo
Advanced XTAL Products
AXE55310-26 AXTAL-AXE55310-26 Datasheet
179Kb / 4P
HCMOS Crystal Oscillator (XO) compliant to MIL-PRF-55310/26
2015-02-10
More results

Similar Description - AXE55

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
SG-310 EPSONTOYOCOM-SG-310 Datasheet
227Kb / 1P
CRYSTAL OSCILLATOR SPXO
logo
Epson Company
SG-210STF EPSON-SG-210STF Datasheet
376Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
SG5032CAN EPSON-SG5032CAN Datasheet
404Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
logo
Seiko Instruments Inc
SG2016CAN SII-SG2016CAN Datasheet
419Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
TCO-7106 SII-TCO-7106 Datasheet
353Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
TCO-7107 SII-TCO-7107 Datasheet
353Kb / 2P
CRYSTAL OSCILLATOR (SPXO)
logo
Advanced XTAL Products
AXE25 AXTAL-AXE25 Datasheet
102Kb / 3P
Crystal Oscillator (SPXO) in double-sealed DIL14 package
2014-04-04
AXE50 AXTAL-AXE50 Datasheet
138Kb / 3P
Crystal Oscillator (SPXO) in double?릗ealed DIL14/14 package
AXE135M AXTAL-AXE135M Datasheet
140Kb / 3P
Crystal Oscillator (SPXO) in DIL8 package
AXE7050M AXTAL-AXE7050M Datasheet
158Kb / 3P
Crystal Oscillator (SPXO) in 7x5 mm package
2015-11-23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com