Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIOM5050 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIOM5050
Description  VHF Ultra-Low Phase Noise OCXO in Connectorized Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM5050 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIOM5050 Datasheet HTML 1Page - Advanced XTAL Products AXIOM5050 Datasheet HTML 2Page - Advanced XTAL Products AXIOM5050 Datasheet HTML 3Page - Advanced XTAL Products AXIOM5050 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM5050 Rev.4
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Phase Noise – Option 1:
100 MHz
120 MHz
Offset
A
B
C
D
E
A
B
C
D
E
Unit
10 Hz
-90
-95
-97
-100
-105
-85
-90
-95
-97
-100
dBc/Hz
100 Hz
-125
-130
-132
-135
-137
-118
-122
-125
-127
-130
dBc/Hz
1 kHz
-155
-158
-160
-162
-164
-148
-150
-153
-155
-157
dBc/Hz
10 kHz
-165
-168
-170
-172
-174
-160
-165
-168
-170
-172
dBc/Hz
≥100 kHz
-175
-175
-175
-175
-175
-175
-175
-175
-175
-175
dBc/Hz
Table 1
Other phase noise parameters on request
Frequency stability vs. temperature
Stability
Lower Temperature
Upper Temperature
Option 2
[ppb]
Option 3
T [°C]
Option 3
T [°C]
05
±5
0
0
A
+50
10
±10
1
-10
B
+60
25
±25
2
-20
C
+70
50
±50
3
-30
D
+75
100
±100
4
-40
E
+80
200
±200
5
-55
F
+85
Table 2
Table 3
Standard: “1B” = -10°C to +60°C
Frequency stability [Option 2]
Temperature
range [°C]
05
10
25
50
100
200
0 ~ +50
O
X
X
X
X
X
-10 ~ +60
O
X
X
X
X
X
-20 ~ +70
O
X
X
X
X
X
-30 ~ +70
O
O
X
X
X
X
-40 ~ +75
-
O
X
X
X
X
-40 ~ +85
-
-
O
X
X
X
-55 ~ +85
-
-
O
X
X
X
Table 4 “Availability”
X = available, O = available on request, - not available
Ordering Code
Model
Option 1
[Phase noise]
Option 2
[Stability]
Option 3
[Temperature range]
Revision
Frequency [MHz]
AXIOM5050
Table 1
Table 2
Table 3
Rev.4
100.000
Example: AXIOM5050-C-25-1B_Rev.4 – 100.000 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com