Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXGS10 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXGS10
Description  SAW Oscillator in SMD Package with Gating Option
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXGS10 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXGS10 Datasheet HTML 1Page - Advanced XTAL Products AXGS10 Datasheet HTML 2Page - Advanced XTAL Products AXGS10 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXGS10 Rev.4
www.axtal.com
Roemerring 9
Drawing D3
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXGS10
Rev.: 4
Date: 2016-03-22
Oscillator type:
SAW Oscillator in SMD Package with Gating Option
Parameter
min.
typ.
max.
Unit
Condition
Frequency Range
950
1532
MHz
Standard frequencies
970/1030/1090/1150/1532
MHz
Frequency stability
Initial tolerance at @ +25°C
±150
ppm
vs. operating temperature range
±350
ppm
Long term (aging) per year
±5
ppm
Gate function (optional)
Option 1
Low level input voltage VGL
0
1.5
V
High level input voltage VGH
3.5
5.0
5.5
V
Input resistance
10
kΩ
Input capacitance
5
10
pF
Turn-on time
40
ns
Turn-off time
30
ns
RF output
Signal waveform
Sine wave
Load RL
50
Ω
Output level Gate ON
+7
dBm
@ VGATE > +3.5 V
Output level Gate OFF
-50
dBm
@ VGATE < +1.5 V
Harmonics
-30
dBc
Supply voltage VS
4.75
5.0
5.25
V
Current consumption
Gate ON
Gate OFF
45
10
60
20
mA
mA
@ VGATE > +3.5 V
@ VGATE < +1.5 V
Operating temperature range
-40
+85
°C
Enclosure (see drawing) (LxWxH)
20.3x13.0x5.7max.
mm
Similar to
IEC 61837 CO 30
Weight
3
g
Packing
Tape & Reel
IEC 60286-3
Reliability
@ 40°C
MTBF
10
-9
1239 yr
92 fit
@ 85°C
MTBF
10
-9
430 yr
266 fit
IEC 61709
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Gate Voltage VGATE
-0.5
7.0
V
VGATE to GND
Storage Temperature
-55
+125
°C
Ordering Code
Model
Option 1
Revision
Frequency [MHz]
AXGS10
G = With Gate function
Blank = No Gate function
Rev.4
1090.000
Example: AXGS10G_Rev.4 – 1090.000 MHz


Similar Part No. - AXGS10

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXGS10 AXTAL-AXGS10 Datasheet
238Kb / 3P
SAW Oscillator in SMD Package with Gating Option
2018-01-18
AXGS10G-21 AXTAL-AXGS10G-21 Datasheet
224Kb / 3P
Gated SAW Oscillator in SMD Package
2013-03-04
AXGS10G-25 AXTAL-AXGS10G-25 Datasheet
319Kb / 3P
Gated SAW Oscillator in SMD Package
2013-03-04
AXGS10 AXTAL-AXGS10_18 Datasheet
238Kb / 3P
SAW Oscillator in SMD Package with Gating Option
2018-01-18
More results

Similar Description - AXGS10

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXGS20 AXTAL-AXGS20 Datasheet
148Kb / 3P
SAW Oscillator in SMD Package with Gating Option
2016-03-19
logo
Xilinx, Inc
DS556 XILINX-DS556 Datasheet
364Kb / 19P
Available in the following package option
logo
Advanced XTAL Products
AXGS10 AXTAL-AXGS10_18 Datasheet
238Kb / 3P
SAW Oscillator in SMD Package with Gating Option
2018-01-18
AXGS10G-21 AXTAL-AXGS10G-21 Datasheet
224Kb / 3P
Gated SAW Oscillator in SMD Package
2013-03-04
AXGS10G-25 AXTAL-AXGS10G-25 Datasheet
319Kb / 3P
Gated SAW Oscillator in SMD Package
2013-03-04
logo
Suzhou HangJing Electro...
CO21H4 HANGJING-CO21H4 Datasheet
447Kb / 1P
OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 2.0X1.6MM CERAMIC SEAM SEAL PACKAGE.
CO22H4 HANGJING-CO22H4 Datasheet
463Kb / 1P
OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 2.5X2.0MM CERAMIC SEAM SEAL PACKAGE.
CO53D6 HANGJING-CO53D6 Datasheet
303Kb / 1P
OSCILLATOR UNIT WITH LVDS OUTPUT IN SMD 5.0X3.2MM CERAMIC SEAM SEAL PACKAGE.
CO75D6 HANGJING-CO75D6 Datasheet
394Kb / 1P
OSCILLATOR UNIT WITH LVDS OUTPUT IN SMD 7.0X5.0MM CERAMIC SEAM SEAL PACKAGE.
CO75C6 HANGJING-CO75C6 Datasheet
394Kb / 1P
OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 7.0X5.0MM CERAMIC SEAM SEAL PACKAGE.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com