Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIOM9000 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIOM9000
Description  Very High Frequency Stability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM9000 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIOM9000 Datasheet HTML 1Page - Advanced XTAL Products AXIOM9000 Datasheet HTML 2Page - Advanced XTAL Products AXIOM9000 Datasheet HTML 3Page - Advanced XTAL Products AXIOM9000 Datasheet HTML 4Page - Advanced XTAL Products AXIOM9000 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM9000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Parameter
min.
typ.
max.
Unit
Condition
Nominal output frequency
10.000
MHz
Frequency stability
Stability options (Note 2)
OCXO
DOCXO
Option 1
Initial tolerance at delivery
< ±10
< ±10
ppb
@ +25°C
vs. operating temperature range
< ±2
< ±0.1
ppb
steady state
Long term (aging) per day
< ±0.5
< ±0.1
ppb
after 30 days operation
Long term (aging) 1
st year
< ±50
< ±20
ppb
after 30 days operation
Frequency adjustment range
Mechanical Frequency Control
> ±0.8
> ±0.4
ppm
By trimmer access (Note 3)
RF output
min.
typ.
max.
RF output ports
1 OCXO direct output
3 splitted outputs
See block diagram and
enclosure drawing
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level per port
+12
+7
+14
+9
dBm
dBm
OCXO direct output
Splitted outputs
Isolation between splitted ports
30
40
dB
Harmonics
-60
dBc
Spurious
-90
dBc
Phase noise (Note 2)
See table 1
Option 2
Short-tem stability (ADEV) (Note 2)
2·10
-12
5·10
-12
@ τ = 1 sec
Warm-up time (Note 4)
5
min
∆
ffinal/f0 < ±0.1 ppm
AC Supply voltage VS
100
230
240
V
IEC 60320-1 / C14
AC Supply input frequency
50
60
Hz
Power consumption
10
W
Operating temperature range
-10
+60
°C
Enclosure (see drawing) (WxDxH)
483x250x44
mm
RF Connectors
BNC female
@ Rear plate
Weight
3
kg
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other stabilities and phase noise on request
3.
Trimmer accessible at front plate. Adjustment range sufficient for 15 years operation.
4.
Warm-up indicator at front plate. Indicator ON when accuracy within ±500 ppb.
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
AC Supply Voltage VS
90
260
V
AC Supply input frequency
47
63
Hz
AC Supply input current
1
A
Fuse accessible at rear plate
Splitter input level (SPLIT IN)
+20
dBm
Storage Temperature
-20
+70
°C
Ordering Code
Model
Option 1
[Stability]
Option 2
[Phase noise]
Revision
Frequency [MHz]
AXIOM9000
“SO” – OCXO
“DO” – DOCXO
Table 1
Rev.1
10.000
Example: AXIOM9000-SO-LN_Rev.1 – 10.000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com