Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIS50 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXIS50
Description  Low Phase Noise VHF/UHF VCXO (no PLL)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS50 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXIS50 Datasheet HTML 1Page - Advanced XTAL Products AXIS50 Datasheet HTML 2Page - Advanced XTAL Products AXIS50 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIS50 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
15
V
VC to GND
Storage Temperature
-55
+125
°C
Ordering Code
Model
Option 1
[RF output]
Option 2
[Supply Voltage]
Revision
Frequency [MHz]
AXIS50
S or L
50
Rev.1
350.000
Example: AXIS50-S-50_Rev.1 – 350.000 MHz
Enclosure drawing
Pin connections:
Pin #
Symbol
Function
1
N.C.
Q
No Connection (Option S)
RF Output ( Q ) (Option L)
2
RF OUT
RF Output (Q)
3
GND
Ground
4
VC
Control Voltage (EFC)
5
VS
Supply Voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com