Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2145BML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2145BML
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145BML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2145BML Datasheet HTML 3Page - Micrel Semiconductor MIC2145BML Datasheet HTML 4Page - Micrel Semiconductor MIC2145BML Datasheet HTML 5Page - Micrel Semiconductor MIC2145BML Datasheet HTML 6Page - Micrel Semiconductor MIC2145BML Datasheet HTML 7Page - Micrel Semiconductor MIC2145BML Datasheet HTML 8Page - Micrel Semiconductor MIC2145BML Datasheet HTML 9Page - Micrel Semiconductor MIC2145BML Datasheet HTML 10Page - Micrel Semiconductor MIC2145BML Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
May 2003
7
MIC2145
MIC2145
Micrel
Functional Description
See
“Application Information” for component selection and
pre-designed circuits.
Overview
The MIC2145 is a 2.5W boost regulator with programmable
peak current limit and a constant off time. Quiescent current
for the MIC2145 is typically 200
µA when the switch is in the
off state. Efficiencies above 80% throughout most operating
conditions can be realized.
Regulation
Regulation is achieved by both of the comparators, which
regulate the inductor current and the output voltage by gating
the power MOSFET. Initially, power is applied to the SW and
VDD pins. When the part is enabled, the power MOSFET
turns on and current flows. When the current exceeds the
peak current limit threshold, the current limit comparator fires
the one-shot to turn off the power MOSFET for 1000ns and
resets the SR flip-fop. The current limit comparator continues
to cycle the power MOSFET on and off until the output voltage
trips the upper threshold of the feedback comparator, which
terminates the cycle. The cycle will begin again when the
output voltage drops below the lower hysteresis threshold of
the feedback comparator. The feedback comparator has a
typical hysteresis of 18mV. Due to the gain of the feedback
resistor divider, the voltage at V
OUT experiences a typical
167mV of hysteresis for 10V output at 2.4V V
DD. This can be
reduced by adding a feed-forward capacitor, C
FF (See
“Output Voltage” section).
Time 20
µs
V
OUT
AC Couple
(100mV/div)
V
SW
(5V/div)
I
INDUCTOR
(500mA/div)
Figure 2. Typical Regulator Waveforms
Output
The maximum output voltage is limited by the voltage capa-
bility of the output switch. Output voltages of up to 16V can be
achieved with the boost circuit. Higher output voltages re-
quire a flyback configuration.
Peak Current Limit
The peak current limit is externally set with a resistor. The
peak current range is from 420mA to 2A. There is a minimum
resistor value for R
SET at lower VDD voltages. For resistor
value selections, see the
“Typical Characteristics: Peak
Current Limit vs. RSET”.
Soft Start
The MIC2145 has a built in soft start that controls the rise time
of the output voltage and the peak current limit threshold
during start up.
Time 200
µs
V
OUT
(5V/div)
V
EN
(2V/div)
V
SW
(5V/div)
I
INDUCTOR
(500mA/div)
V
IN = 3V
V
OUT = 10V
R
SET = 10k
C
SS = 0.01µF
Figure 3. Typical Soft Start Waveforms
Thermal Shutdown
Built-in thermal protection circuitry turns off the power MOSFET
when the junction temperature exceeds about 150
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com