Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE130 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE130
Description  UHF Temperature Compensated Crystal SMD Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE130 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE130 Datasheet HTML 1Page - Advanced XTAL Products AXLE130 Datasheet HTML 2Page - Advanced XTAL Products AXLE130 Datasheet HTML 3Page - Advanced XTAL Products AXLE130 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXLE130 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE130
Rev.: 1
Date: 2016-08-17
Oscillator type:
UHF Temperature Compensated Crystal SMD Oscillator
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
500
2500
MHz
Frequency stability
Initial tolerance @ +25°C
±1
ppm
vs. operating temperature range
±0.5 to ±3
See tables 1 & 2
ppm
Option 1 & 2
vs. supply voltage variation (pushing)
±0.2
ppm
VS ±5 %
Long term (aging) per year
±1
±2
ppm
Frequency adjustment range
Electronic Frequency Control (EFC)
±5
ppm
EFC voltage VC
0.5
2.5
4.5
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+7
dBm
Harmonics
-30
dBc
Spurious
-80
dBc
PLL Products
-60
dBc
Phase noise @ 1000 MHz
(Note 2)
-105
-115
dBc/Hz
dBc/Hz
@ 1 kHz
@ 10 kHz
Lock Detect Output LD (Note 3)
3.5
0
5
1.5
V
V
Out of lock
Locked
Supply voltage VS (Note 4)
4.75
5.0
5.25
V
Current consumption
70
100
mA
Enclosure (see drawing) (LxWxH)
20.0x20.0x8.0 max.
mm
Weight
20
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise state
2.
Please consult factory for phase noise of other frequencies
3.
Internal PLL with TCXO reference
4.
3.3 V supply voltage available on request
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
7
V
VC to GND
Storage Temperature
-55
+105
°C


Similar Part No. - AXLE130

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE135 AXTAL-AXLE135 Datasheet
52Kb / 2P
TCXO
2008-05-07
More results

Similar Description - AXLE130

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTX-H08 ABRACON-ASTX-H08 Datasheet
149Kb / 2P
SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
6.21.07
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
TEMEX
CFPT9000 TEMEX-CFPT9000 Datasheet
989Kb / 12P
SMD Temperature Compensated Crystal Oscillator
CFPT9300 TEMEX-CFPT9300 Datasheet
530Kb / 9P
SMD Temperature Compensated Crystal Oscillator
IT2200J TEMEX-IT2200J Datasheet
580Kb / 7P
SMD Temperature Compensated Crystal Oscillator
RFPT500 TEMEX-RFPT500 Datasheet
305Kb / 5P
SMD Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXGT175 AXTAL-AXGT175 Datasheet
105Kb / 3P
Gated Temperature Compensated Crystal SMD Oscillator
2015-04-07
AXLE175 AXTAL-AXLE175 Datasheet
109Kb / 4P
UHF Temperature Compensated Crystal SMD Oscillator
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
UHF Temperature Compensated Crystal Oscillator (TCXO)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com