Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE175 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE175
Description  UHF Temperature Compensated Crystal SMD Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE175 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE175 Datasheet HTML 1Page - Advanced XTAL Products AXLE175 Datasheet HTML 2Page - Advanced XTAL Products AXLE175 Datasheet HTML 3Page - Advanced XTAL Products AXLE175 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXLE175 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE175
Rev.: 2
Date: 2015-08-17
Oscillator type:
UHF Temperature Compensated Crystal SMD Oscillator
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
500
2500
MHz
Frequency stability
Initial tolerance @ +25°C
±1
ppm
vs. operating temperature range
±0.5 to ±3
See tables 1 & 2
ppm
Option 1 & 2
vs. supply voltage variation (pushing)
±0.2
ppm
VS ±5 %
Long term (aging) per year
±1
±2
ppm
Frequency adjustment range
Electronic Frequency Control (EFC)
±5
ppm
EFC voltage VC
0.5
2.5
4.5
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level (Note 2)
+10
dBm
Harmonics
-30
dBc
Spurious
-80
dBc
PLL Products
-60
dBc
Phase noise @ 1000 MHz
(Note 3)
-110
-130
-150
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 kHz
@ 100 kHz
@ 1 MHz
Lock Detect Output LD (Note 4)
3.5
0
5
1.5
V
V
Out of lock
Locked
Supply voltage VS
4.75
5.0
5.25
V
Current consumption (Note 5)
150
200
mA
Enclosure (see drawing) (LxWxH)
25.4x25.4x8.0 max.
mm
Weight
10
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Output level up to +24 dBm available on request
3.
Please consult factory for phase noise of other frequencies
4.
Internal PLL with TCXO reference
5.
Current consumption depends on output frequency
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
7
V
VC to GND
Storage Temperature
-55
+125
°C


Similar Part No. - AXLE175

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE10 AXTAL-AXLE10 Datasheet
55Kb / 2P
TCXO
2005-05-22
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
UHF Temperature Compensated Crystal Oscillator (TCXO)
AXLE10S AXTAL-AXLE10S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
AXLE113A AXTAL-AXLE113A Datasheet
106Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm package
2014-04-06
AXLE114 AXTAL-AXLE114 Datasheet
108Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm gull wing package
2014-04-06
More results

Similar Description - AXLE175

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTX-H08 ABRACON-ASTX-H08 Datasheet
149Kb / 2P
SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
6.21.07
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
TEMEX
CFPT9000 TEMEX-CFPT9000 Datasheet
989Kb / 12P
SMD Temperature Compensated Crystal Oscillator
CFPT9300 TEMEX-CFPT9300 Datasheet
530Kb / 9P
SMD Temperature Compensated Crystal Oscillator
IT2200J TEMEX-IT2200J Datasheet
580Kb / 7P
SMD Temperature Compensated Crystal Oscillator
RFPT500 TEMEX-RFPT500 Datasheet
305Kb / 5P
SMD Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXGT175 AXTAL-AXGT175 Datasheet
105Kb / 3P
Gated Temperature Compensated Crystal SMD Oscillator
2015-04-07
AXLE130 AXTAL-AXLE130 Datasheet
121Kb / 4P
UHF Temperature Compensated Crystal SMD Oscillator
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
UHF Temperature Compensated Crystal Oscillator (TCXO)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com