Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE2000 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE2000
Description  SHF Low Phase Noise TCXO in Connectorized Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE2000 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE2000 Datasheet HTML 1Page - Advanced XTAL Products AXLE2000 Datasheet HTML 2Page - Advanced XTAL Products AXLE2000 Datasheet HTML 3Page - Advanced XTAL Products AXLE2000 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXLE2000 Rev.1
www.axtal.com
Roemerring 9
Drawing D1
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE2000
Rev.: 1
Date: 2016-02-01
Oscillator type:
SHF Low Phase Noise TCXO in Connectorized Package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
3
12
GHz
Multiplication (Note 2)
Frequency stability
Initial tolerance @ +25°C
±1.0
ppm
vs. operating temperature range
±0.5 to ±5
See tables 1 & 2
ppm
Option 1 & 2
vs. supply voltage variation (pushing)
±0.1
ppm
VS ±5%
vs. load change (pulling)
±0.1
ppm
RL ±5%
Long term (aging) 1
st year
±1.0
ppm
after 30 days operation
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+10
+13
dBm
Harmonics
-30
dBc
Sub-harmonics
-40
dBc
Spurious
-80
dBc
(Note 3)
PLL Products
-60
dBc
Phase noise
-120
-110
dBc/Hz @ 100 kHz
Lock detect (LD) output
2.3
0
3.3
1.0
V
V
Out of lock
Locked
Supply voltage VS
11.4
12.0
12.6
V
Current consumption
250
350
mA
Enclosure (see drawing) (LxWxH)
50.0x50.0x21.0 max.
mm
Weight
60
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Frequency multiplication factor N depends on output frequency fOUT
3.
Internal PLL with TCXO reference
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Storage Temperature
-55
+105
°C


Similar Part No. - AXLE2000

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE20 AXTAL-AXLE20 Datasheet
70Kb / 2P
TCXO
2005-05-22
AXLE20-12 AXTAL-AXLE20-12 Datasheet
67Kb / 2P
VHF TCXO, low noise
2005-07-15
AXLE207M AXTAL-AXLE207M Datasheet
113Kb / 4P
(VC)TCXO in DIL14 package
2014-04-06
AXLE208 AXTAL-AXLE208 Datasheet
51Kb / 2P
TCXO
2008-05-07
AXLE20S AXTAL-AXLE20S Datasheet
69Kb / 2P
TCXO with Stratum III long-term stability option
2005-05-22
More results

Similar Description - AXLE2000

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S107FS TOSHIBA-MT3S107FS Datasheet
90Kb / 3P
VHF-SHF Low Noise Amplifier Application
logo
Golledge Electronics Lt...
GTXO-74 GOLLEDGE-GTXO-74 Datasheet
179Kb / 2P
SM (VC)TCXO Low Phase Noise
GTXO-C74 GOLLEDGE-GTXO-C74 Datasheet
178Kb / 2P
SM (VC)TCXO Low Phase Noise
logo
Advanced XTAL Products
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXON2500 AXTAL-AXON2500 Datasheet
114Kb / 3P
SHF Low Noise Phase-Locked Oscillator (PLO)
AXIOM95LP AXTAL-AXIOM95LP Datasheet
129Kb / 5P
VHF OCXO in Low Profile Connectorized Package
AXPLT2500 AXTAL-AXPLT2500 Datasheet
115Kb / 3P
SHF Low Noise Phase-Locked Crystal Oscillator (PLXO)
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
UHF Low Phase Noise VCXO in connectorized package
logo
Chengdu Xtaltq Technolo...
BT0914A XTAITQ-BT0914A Datasheet
545Kb / 3P
Low Phase Noise TCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com